Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1859 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1859
Description  Stereo, Single-Supply 18-Bit Integrated DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1859 Datasheet(HTML) 1 Page - Analog Devices

  AD1859 Datasheet HTML 1Page - Analog Devices AD1859 Datasheet HTML 2Page - Analog Devices AD1859 Datasheet HTML 3Page - Analog Devices AD1859 Datasheet HTML 4Page - Analog Devices AD1859 Datasheet HTML 5Page - Analog Devices AD1859 Datasheet HTML 6Page - Analog Devices AD1859 Datasheet HTML 7Page - Analog Devices AD1859 Datasheet HTML 8Page - Analog Devices AD1859 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
a
Stereo, Single-Supply
18-Bit Integrated
DAC
AD1859
PRODUCT OVERVIEW
The AD1859 is a complete 16-/18-bit single-chip stereo digital
audio playback subsystem. It comprises a variable rate digital
interpolation filter, a revolutionary multibit sigma-delta (
∑∆)
modulator with dither, a jitter-tolerant DAC, switched capacitor
and continuous time analog filters, and analog output drive cir-
cuitry. Other features include an on-chip stereo attenuator and
mute, programmed through an SPI-compatible serial control
port.
The key differentiating feature of the AD1859 is its asynchro-
nous master clock capability. Previous
∑∆ audio DACs re-
quired a high frequency master clock at 256 or 384 times the
intended audio sample rate. The generation and management
of this high frequency synchronous clock is burdensome to the
board level designer. The analog performance of conventional
single bit
∑∆ DACs is also dependent on the spectral purity of
the sample and master clocks. The AD1859 has a digital Phase
Locked Loop (PLL) which allows the master clock to be asyn-
chronous, and which also strongly rejects jitter on the sample
clock (left/right clock). The digital PLL allows the AD1859 to
be clocked with a single frequency (27 MHz for example) while
the sample frequency (as determined from the left/right clock)
can vary over a wide range. The digital PLL will lock to the
new sample rate in approximately 100 ms. Jitter components
15 Hz above and below the sample frequency are rejected by
6 dB per octave. This level of jitter rejection is unprecedented
in audio DACs.
The AD1859 supports continuously variable sample rates with
essentially linear phase response, and with an option for external
analog de-emphasis processing. The clock circuit includes an
on-chip oscillator, so that the user need only provide an external
crystal. The oscillator may be overdriven, if desired, with an ex-
ternal clock source.
(continued on page 7)
*SPI is a registered trademark of Motorola, Inc.
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Complete, Low Cost Stereo DAC System in a Single Die
Package
Variable Rate Oversampling Interpolation Filter
Multibit
Modulator with Triangular PDF Dither
Discrete and Continuous Time Analog Reconstruction
Filters
Extremely Low Out-of-Band Energy
64 Step (1 dB/Step) Analog Attenuator with Mute
Buffered Outputs with 2 k
Output Load Drive
Rejects Sample Clock Jitter
94 dB Dynamic Range, –88 dB THD+N Performance
Option for Analog De-emphasis Processing with
External Passive Components
0.1 Maximum Phase Linearity Deviation
Continuously Variable Sample Rate Support
Digital Phase Locked Loop Based Asynchronous Master
Clock
On-Chip Master Clock Oscillator, Only External Crystal
Is Required
Power-Down Mode
Flexible Serial Data Port (I
2S-Justified, Left-Justified,
Right-Justified and DSP Serial Port Modes)
SPI* Compatible Serial Control Port
Single +5 V Supply
28-Pin SOIC and SSOP Packages
APPLICATIONS
Digital Cable TV and Direct Broadcast Satellite Set-Top
Decoder Boxes
Digital Video Disc, Video CD and CD-I Players
High Definition Televisions, Digital Audio Broadcast
Receivers
CD, CD-R, DAT, DCC, ATAPI CD-ROM and MD Players
Digital Audio Workstations, Computer Multimedia
Products
FUNCTIONAL BLOCK DIAGRAM
SERIAL
CONTROL
INTERFACE
AD1859
16- OR 18-BIT
DIGITAL DATA
INPUT
6
ASYNCHRONOUS
CLOCK/CRYSTAL
DE-EMPHASIS
SWITCH LEFT
COMMON MODE
ANALOG
OUTPUTS
DE-EMPHASIS
SWITCH RIGHT
DE-EMPHASIS
MUTE
ANALOG
SUPPLY
2
REFERENCE
FILTER AND
GROUND
CONTROL
DATA
INPUT
2
3
2
DIGITAL
SUPPLY
POWER
DOWN/RESET
ATTEN/
MUTE
OUTPUT
BUFFER
DAC
VOLTAGE
REFERENCE
MULTIBIT
∑∆ MODULATOR
VARIABLE RATE
INTERPOLATION
SERIAL
DATA
INTERFACE
ATTEN/
MUTE
OUTPUT
BUFFER
ANALOG
FILTER
DAC
MULTIBIT
∑∆ MODULATOR
VARIABLE RATE
INTERPOLATION
DPLL/CLOCK
MANAGER
ANALOG
FILTER


Similar Part No. - AD1859

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
More results

Similar Description - AD1859

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1857 AD-AD1857 Datasheet
263Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
AD1868 AD-AD1868 Datasheet
246Kb / 12P
Single Supply Dual 18-Bit Audio DAC
AD1870 AD-AD1870 Datasheet
276Kb / 20P
Single-Supply 16-Bit Stereo ADC
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com