Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1859 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1859
Description  Stereo, Single-Supply 18-Bit Integrated DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1859 Datasheet(HTML) 3 Page - Analog Devices

  AD1859 Datasheet HTML 1Page - Analog Devices AD1859 Datasheet HTML 2Page - Analog Devices AD1859 Datasheet HTML 3Page - Analog Devices AD1859 Datasheet HTML 4Page - Analog Devices AD1859 Datasheet HTML 5Page - Analog Devices AD1859 Datasheet HTML 6Page - Analog Devices AD1859 Datasheet HTML 7Page - Analog Devices AD1859 Datasheet HTML 8Page - Analog Devices AD1859 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DIGITAL TIMING (Guaranteed over –40
°C to +105°C, AV
DD = DVDD = +5.0 V
± 10%)
Min
Typ
Max
Units
tDBH
BCLK HI Pulse Width
25
ns
tDBL
BCLK LO Pulse Width
25
ns
tDBP
BCLK Period
50
ns
tDLS
LRCLK Setup
5
ns
tDLH
LRCLK Hold (DSP Serial Port Style Mode Only)
0
ns
tDDS
SDATA Setup
0
ns
tDDH
SDATA Hold
5
ns
tCCH
CCLK HI Pulse Width
15
ns
tCCL
CCLK LO Pulse Width
15
ns
tCCP
CCLK Period
30
ns
tCSU
CDATA Setup
0
ns
tCHD
CDATA Hold
5
ns
tCLD
CLATCH Delay
15
ns
tCLL
CLATCH LO Pulse Width
5
ns
tCLH
CLATCH HI Pulse Width
10
ns
tPDRP
PD/RST
LO Pulse Width
4 MCLK Periods
(≈150 ns @ 27 MHz)
tMCP
MCLK Period
30
37
60
ns
FMC
MCLK Frequency (1/tMCP)
17
27
33
MHz
tMCH
MCLK HI Pulse Width
15
ns
tMCL
MCLK LO Pulse Width
15
ns
POWER
Min
Typ
Max
Units
Supplies
Voltage, Analog and Digital
4.5
5
5.5
V
Analog Current
29.5
36
mA
Analog Current—Power Down
0.5
15
µA
Digital Current
23.5
30
mA
Digital Current—Power Down
6
9.5
mA
Dissipation
Operation—Both Supplies
265
330
mW
Operation—Analog Supply
147.5
180
mW
Operation—Digital Supply
117.5
150
mW
Power Down—Both Supplies
30
48
mW
Power Supply Rejection Ratio
1 kHz 300 mV p-p Signal at Analog Supply Pins
55
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
52
dB
TEMPERATURE RANGE
Min
Typ
Max
Units
Specifications Guaranteed
25
°C
Functionality Guaranteed
–40
+105
°C
Storage
–55
+125
°C
PACKAGE CHARACTERISTICS
Typ
Units
SOIC
θ
JA (Thermal Resistance [Junction-to-Ambient])
120.67
°C/W
SOIC
θ
JC (Thermal Resistance [Junction-to-Case])
13.29
°C/W
SSOP
θ
JA (Thermal Resistance [Junction-to-Ambient])
190.87
°C/W
SSOP
θ
JC (Thermal Resistance [Junction-to-Case])
15.52
°C/W
AD1859
REV. A
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com