Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTL06DP212 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # CBTL06DP212
Description  CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTL06DP212 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button CBTL06DP212 Datasheet HTML 2Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 3Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 4Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 5Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 6Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 7Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 8Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 9Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CBTL06DP212
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
6 of 18
NXP Semiconductors
CBTL06DP212
High-performance DisplayPort Gen2 2 : 1 multiplexer
8.
Functional description
Refer to Figure 1 “Functional diagram”.
The CBTL06DP212 uses a 3.3 V power supply. All main signal paths are implemented
using high-bandwidth pass-gate technology and are bidirectional. No clock or reset signal
is needed for the multiplexer to function.
The switch position for the main channels is selected using the select signal GPU_SEL.
Additionally, the signal DDC_AUX_SEL selects between AUX and DDC positions for the
DDC / AUX channel. The detailed operation is described in Section 8.1.
8.1 Multiplexer/switch select functions
The internal multiplexer switch position is controlled by two logic inputs GPU_SEL and
DDC_AUX_SEL as described below.
DDC_CLK2
H5
differential I/O
Pair of single-ended terminals for DDC clock and data signals,
path 2, left-side.
DDC_DAT2
J5
differential I/O
AUX+
H2
differential I/O
High-speed differential pair for AUX or single-ended DDC signals,
right-side.
AUX
H1
differential I/O
HPD_1
J2
single-ended I/O
Single ended channel for the HPD signal, path 1, left-side.
HPD_2
H3
single-ended I/O
Single ended channel for the HPD signal, path 2, left-side.
HPDIN
J1
single-ended I/O
Single ended channel for the HPD signal, right-side.
VDD
A2, J4
power supply
3.3 V power supply.
GND
B3, C8,
G2, G8,
H4, H7
ground
Ground.
Table 3.
Pin description …continued
Symbol
Ball
Type
Description
Table 4.
Multiplexer/switch select control for INn and OUTn channels
GPU_SEL
IN1_n
IN2_n
0
active; connected to OUT_n
high-impedance
1
high-impedance
active; connected to OUT_n
Table 5.
Multiplexer/switch select control for HPD channel
GPU_SEL
HPD_1
HPD_2
0
active; connected to HPDIN
high-impedance
1
high-impedance
active; connected to HPDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com