Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6240C Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS6240C
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240C Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS6240C Datasheet HTML 3Page - Micro Analog systems MAS6240C Datasheet HTML 4Page - Micro Analog systems MAS6240C Datasheet HTML 5Page - Micro Analog systems MAS6240C Datasheet HTML 6Page - Micro Analog systems MAS6240C Datasheet HTML 7Page - Micro Analog systems MAS6240C Datasheet HTML 8Page - Micro Analog systems MAS6240C Datasheet HTML 9Page - Micro Analog systems MAS6240C Datasheet HTML 10Page - Micro Analog systems MAS6240C Datasheet HTML 11Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DA6240C.000
1 November, 2010
8 (11)
3000 Components on Each Reel
Reel Material: Conductive, Plastic Antistatic or Static Dissipative
Carrier Tape Material: Conductive
Cover Tape Material: Static Dissipative
PACKAGE (QFN 3X3x0.75 12ld) OUTLINE
Terminal Tip
Package Center Line X or Y
e
DETAIL A
Symbol
Min
Nom
Max
Unit
PACKAGE DIMENSIONS
A
0.700
0.750
0.850
mm
A1
0.000
0.020
0.050
mm
A3
0.178
---
0.228
mm
b
0.180
---
0.280
mm
D
2.950
3.000
3.050
mm
D2 (Exposed.pad)
1.200
---
1.500
mm
E
2.950
3.000
3.050
mm
E2 (Exposed.pad)
1.200
---
1.500
mm
e
0.500 BSC
mm
L
0.350
---
0.450
mm
Dimensions do not include mold or interlead flash, protrusions or gate burrs.
D/2
SEATING
PLANE
SIDE VIEW
TOP VIEW
D2
D2/2
b
BOTTOM VIEW
D
PIN 1 MARK AREA
EXPOSED PAD
SHAPE OF PIN #1
IDENTIFICATION
IS OPTIONAL
L
DETAIL A
OPTIONAL PIN #1
IDENTIFICATION
PAD
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com