Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1117C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE1117C
Description  1A Bipolar Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE1117C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACE1117C
1A Bipolar Linear Regulator
VER 1.3
3
Ordering information
ACE1117C XX XX
+
H
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Mum
Unit
Output Voltage
Vout
ACE1117C-1.2V
0≦Iout≦1A, Vin=3.2V
1.176
1.20
1.224
V
ACE1117C-1.8V
0≦Iout≦1A, Vin=3.8V
1.764
1.80
1.836
ACE1117C-2.5V
0≦Iout≦1A, Vin=4.5V
2.45
2.5
2.55
ACE1117C-3.3V
0≦Iout≦1A, Vin=5.3V
3.234
3.3
3.366
ACE1117C-5.0V
0≦Iout≦1A, Vin=7.0V
4.9
5
5.1
ACE1117C-12.0V
0≦Iout≦1A, Vin=14V
11.76
12
12.24
Reference Voltage
VREF
ACE1117C-ADJ
10mA≦Iout≦1A, Vin=3.25V
1.225
1.25
1.275
V
Line Regulation
△Vout
ACE1117C-ADJ
Iout=10mA, 2.75V≦Vin≦12V
0.1
0.2
%/V
ACE1117C-1.2V
Iout=10mA, 2.7V≦Vin≦10V
0.1
0.2
ACE1117C-1.8V
Iout=10mA, 3.3V≦Vin≦12V
0.1
0.2
ACE1117C-2.5V
Iout=10mA, 4.0V≦Vin≦12V
0.1
0.2
ACE1117C-3.3V
Iout=10mA, 4.8V≦Vin≦12V
0.1
0.2
ACE1117C-5.0V
Iout=10mA, 6.5V≦Vin≦12V
0.1
0.2
ACE1117C-12.0V
Iout=10mA, 13.5V≦Vin≦20V
0.1
0.2
Halogen - free
Output Voltage : 1.2 / 1.8V
….. / Default: Adjustable Version
Pb - free
XM : SOT-223
YM : TO-252



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com