Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1117C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE1117C
Description  1A Bipolar Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE1117C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACE1117C
1A Bipolar Linear Regulator
VER 1.3
4
Load Regulation
△Vout
ACE1117C-ADJ
Vin=2.75V, 10mA≦Iout≦1A
10
30
mV
ACE1117C-1.2V
Vin=2.7V, 10mA≦Iout≦1A
10
30
ACE1117C-1.8V
Vin=3.3V, 10mA≦Iout≦1A
10
30
ACE1117C-2.5V
Vin=4.0V, 10mA≦Iout≦1A
10
30
ACE1117C-3.3V
Vin=4.8V, 10mA≦Iout≦1A
10
30
ACE1117C-5.0V
Vin=6.5V, 10mA≦Iout≦1A
10
30
ACE1117C-12.0V
Vin=13.5V, 10mA≦Iout≦1A
10
30
Quiescent Current
IQ
ACE1117C-1.2V, Vin=10V
2
5
mA
ACE1117C-1.8V, Vin=12V
2
5
ACE1117C-2.5V, Vin=12V
2
5
ACE1117C-3.3V, Vin=12V
2
5
ACE1117C-5.0V, Vin=12V
2
5
ACE1117C-12.0V, Vin=20V
2
5
Adjust Pin Current
IADJ
ACE1117C-ADJ Vin=5V,
10mA≦Iout≦1A
55
120
uA
Iadj change
Ichange
ACE1117C-ADJ Vin=5V,
10mA≦Iout≦1A
0.2
10
uA
Current Limit
llimit
Vin-Vout=2V, TJ=25℃
1
A
Minimum load Current
lmin
ACE1117C-ADJ
2
10
mA
Temperature coefficient
△V/△T
±100
ppm
Vdrop
Dropout voltage
Iout=100mA
1.23
1.3
V
Iout=1A
1.3
1.5
V
Thermal Resistance
ΘJC
SOT-223
20
℃/W
TO-252
10
Note1: All test are conducted under ambient temperature 25°C and within a short period of time 20ms
Note2: Load current smaller than minimum load current of ACE1117C-ADJ will lead to unstable or oscillation output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com