Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE4054 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4054 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ACE4054
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.4
2
Absolute Maximum Ratings
Parameter
Max
Unit
VCC
-0.3 ~6.5
V
PROG
-0.3 ~ VCC+0.3 V
BAT
-0.3 ~ 5
V
CHRG
-0.3 ~ 6.5
V
BAT Short-Circuit Duration
Continuous
PROG Pin Current
600
μA
Maximum Junction Temperature
125
℃
Operating Ambient Temperature Range
-40 ~ 85
℃
Storage Temperature Range
-40 ~ 125
℃
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.
Packaging Type
SOT-23-5
ESOP-8
5
4
1
8
2
7
3
6
4
5
1
2
3
Description
SOT-23-5
Description
ESOP-8
CHRG
1
NC
1.8
GND
2
PROG
2
BAT
3
GND
3
VCC
4
VCC
4
PROG
5
BAT
5
NC
6
CHRG
7
NC
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com