Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE4054 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4054 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ACE4054
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.4
3
Pin Description
CHRG (Pin 1):Open-Drain Charge Status Output. The CHRG pin outputs low when the battery is
charging.Upon the completion of the charge cycle, a weak pull-down current to the pin
indicates an“AC present” condition. When the ACE4054 detects an under voltage lockout
condition, CHRG is forced high impedance.
GAN (Pin 2):Ground.
BAT (Pin 3):Charge Current Output. This pin provides charge current to the battery and regulates the final
float voltage to 4.2V which is set by an internal precision resistor divider.
VCC (Pi
n 4):Positive Input Supply. Needs to be bypassed with at least a 1μF capacitor. When input
voltage drops to within 30mV of the BAT pin voltage, the ACE4054 switches to shutdown
mode.
PROG (Pin 5):Program, Monitor the charge current and Shutdown. This pin set to 1V in constant-current
mode. The charge current is programmed by connecting a 1% resistor, RPROG, to GND
pin. The charge current can be calculated using the following formula:
I BAT = ( VPROG / RPROG) ∙ 1000
The PROG pin can also be used to switch the charger to shutdown mode by disconnecting the program
resistor from ground. This results in a 3μA current to pull the PROG pin to a high level shutdown threshold
voltage, thus stop the charging and reduce the supply current to 25μA. This pin is also clamped to
approximately 2.4V. A higher voltage beyond this value will draw currents as high as 1.5mA. Device
normal operation can be resumed by reconnecting the RPROG resistor to ground.
Ordering information
ACE4054 XX
+
H
Pb - free
BN : SOT-23-5
IM : ESOP-8
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com