Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4070BYH Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT4070BYH
Description  Wide Input 3A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4070BYH Datasheet(HTML) 8 Page - Active-Semi, Inc

  ACT4070BYH Datasheet HTML 1Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 2Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 3Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 4Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 5Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 6Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 7Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 8Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ACT4070B
Rev 0, 23-Apr-12
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit of Figure 3, unless otherwise specified.)
Load Current (mA)
10
100
1000
10000
1
100
80
60
40
20
0
Efficiency vs. Load Current
VIN = 12V
VOUT = 5V
VIN = 24V
Shutdown Current vs. Input Voltage
100
80
60
40
20
0
120
Input Voltage (V)
10
15
20
30
5
25
Load Transient Response
Load Transient Response
CH1
CH1
CH2
CH2
VIN = 24V
V0UT = 5V
VIN = 12V
V0UT = 5V
CH1: IOUT, 1A/div
CH2: VOUT, 200mV/div
TIME: 400µs/div
CH1: IOUT, 1A/div
CH2: VOUT, 200mV/div
TIME: 400µs/div
Maximum Peak Current vs. Duty Cycle
4.5
4.2
3.9
3.6
3.3
3
Duty Cycle
20
30
40
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com