Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4070BYH Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4070BYH
Description  Wide Input 3A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4070BYH Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4070BYH Datasheet HTML 1Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 2Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 3Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 4Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 5Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 6Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 7Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 8Page - Active-Semi, Inc ACT4070BYH Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL APPLICATION CIRCUIT
ACT4070B
Rev 0, 23-Apr-12
Wide Input 3A Step Down Converter
FEATURES
• 3A Output Current
• Up to 95% Efficiency
• 6.5V to 30V Input Range
• 100µA Shutdown Supply Current
• 4mA Standby Input Current
• 300kHz Switching Frequency
• Output Voltage Up to 12V
• Cycle-by-Cycle Current Limit Protection
• Thermal Shutdown Protection
• Internal Soft Start Function
• Frequency Fold Back at Short Circuit
• Stability with Wide Range of Capacitors
• Including Low ESR Ceramic Capacitors
• SOP-8/EP (Exposed Pad) Package
APPLICATIONS
• TFT LCD Monitors or Televisions and HDTV
• Portable DVD Players
• Car-Powered or Battery-Powered Equipment
• Set-Top Boxes
• Telecom Power Supplies
• DSL and Cable Modems and Routers
GENERAL DESCRIPTION
ACT4070B is a wide input voltage step-down
DC/DC converter that provides up to 3A output cur-
rent at 300kHz switching frequency. ACT4070B is a
replacement part for ACT4070 with advanced fea-
tures such as lower standby current and higher light
load efficiency. ACT4070B can be dropped into
ACT4070 socket with only feedback resistance
value changed.
ACT4070B’s protection features include Cycle-by-
Cycle current limit, thermal shutdown, and fre-
quency foldback at over current and short circuit.
The devices are available in a SOP-8EP package
and require very few external devices for operation.
NOTE:
∗
ACT4070B
is
the
replacement
part
for
ACT4070.
Load Current (mA)
10
100
1000
10000
1
100
80
60
40
20
0
Efficiency vs. Load Current
VIN = 12V
VOUT = 5V
VIN = 24V


Similar Part No. - ACT4070BYH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070YH ACTIVE-SEMI-ACT4070YH Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4070YH ACTIVE-SEMI-ACT4070YH Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070YH-T ACTIVE-SEMI-ACT4070YH-T Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
More results

Similar Description - ACT4070BYH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
logo
Advanced Analogic Techn...
AAT1161 ANALOGICTECH-AAT1161 Datasheet
1Mb / 18P
13.2V Input, 3A Step-Down Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
WIDE INPUT 3A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com