Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8310 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8310
Description  1.5A, PWM Step-Down DC/DCs in TDFN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8310 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8310 Datasheet HTML 1Page - Active-Semi, Inc ACT8310 Datasheet HTML 2Page - Active-Semi, Inc ACT8310 Datasheet HTML 3Page - Active-Semi, Inc ACT8310 Datasheet HTML 4Page - Active-Semi, Inc ACT8310 Datasheet HTML 5Page - Active-Semi, Inc ACT8310 Datasheet HTML 6Page - Active-Semi, Inc ACT8310 Datasheet HTML 7Page - Active-Semi, Inc ACT8310 Datasheet HTML 8Page - Active-Semi, Inc ACT8310 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACT8309/8310/8311
Rev 1, 15-Nov-12
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ORDERING INFORMATION
PART
NUMBER
OUTPUT
CURRENT
PACKAGE
PINS
TEMPERATURE
RANGE
ACT8309NHADJ-T
TDFN33-8
8
-40°C to +85°C
ACT8309NHxyz-T
0.9A
TDFN33-8
8
-40°C to +85°C
ACT8310NHADJ-T
1.2A
TDFN33-8
8
-40°C to +85°C
0.9A
OUTPUT
VOLTAGE
Adjustable
1.2V, 1.5V, 1.8V,
2.5V, 3.0V, 3.3V
Adjustable
ACT8310NHxyz-T
1.2A
1.2V, 1.5V, 1.8V,
2.5V, 3.0V, 3.3V
TDFN33-8
8
-40°C to +85°C
ACT8311NHADJ-T
1.5A
Adjustable
TDFN33-8
8
-40°C to +85°C
ACT8311NHxyz-T
1.5A
1.2V, 1.5V, 1.8V,
2.5V, 3.0V, 3.3V
TDFN33-8
8
-40°C to +85°C
PIN CONFIGURATION
PIN DESCRIPTIONS
TDFN33-8
PIN
NAME
DESCRIPTION
1, 3
IN
Power Input. Bypass to GP close to IC with a high quality ceramic capacitor.
2
GP
Power Ground. Connect to G with a short trace.
4
G
Analog Ground. Connect to GP with a short trace.
5
FB
Feedback Node. For fixed output voltage versions, connect this pin directly to the output. For
the adjustable output versions the voltage at this pin is regulated to 0.8V, connect to this pin
to the center of the output feedback resistor divider for voltage setting.
6
POK
Open-Drain Power-OK Status Output. POK is an open-drain output which sinks current when
the output voltage is less than 95% of the normal value. When the IC is disabled, POK is high
impedance.
7
EN
Enable Input. When higher than 1.4V, this pin turns the IC on. When lower than 0.4V, this pin
turn the IC off.
8
SW
Switch Output. Connect this pin to the switching end of the inductor.
ACT8309
ACT8310
ACT8311
1
2
3
4
8
7
6
5
IN
GP
G
IN
SW
POK
FB
EN
: Fixed output voltage options are available for production subject to minimum order quantities. Contact Active-Semi for more informa-
tion regarding fixed output voltage options.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com