Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8310 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8310
Description  1.5A, PWM Step-Down DC/DCs in TDFN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8310 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8310 Datasheet HTML 1Page - Active-Semi, Inc ACT8310 Datasheet HTML 2Page - Active-Semi, Inc ACT8310 Datasheet HTML 3Page - Active-Semi, Inc ACT8310 Datasheet HTML 4Page - Active-Semi, Inc ACT8310 Datasheet HTML 5Page - Active-Semi, Inc ACT8310 Datasheet HTML 6Page - Active-Semi, Inc ACT8310 Datasheet HTML 7Page - Active-Semi, Inc ACT8310 Datasheet HTML 8Page - Active-Semi, Inc ACT8310 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACT8309/8310/8311
Rev 1, 15-Nov-12
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
VIN
2.7
5
V
Under Voltage Lockout Threshold
VUVLO
VIN rising, hysteresis = 80mV
2.35
2.5
2.6
V
Standby Supply Current
VFB = 103%VFB,TYP, IOUT = 0
150
310
µA
Shutdown Supply Current
EN = G, VIN = 4.2V
0.1
1
µA
FB Voltage
VFB
TA = 25°C
0.786
0.80
0.814
V
-40°C < TA < 85°C
0.776
0.80
0.824
Output Voltage Accuracy
TA = 25°C
-2%
VNOM
+2%
V
-40°C < TA < 85°C
-3%
VNOM
+3%
Output Voltage Line Regulation
0.06
0.4
%/V
Output Voltage Load Regulation
0.6
%
Current Limit
ACT8309NH
1.1
1.3
1.8
A
ACT8310NH
1.4
1.7
2.2
ACT8311NH
1.75
2.1
2.8
Max Output Current
ACT8309NH
0.9
A
ACT8310NH
1.2
ACT8311NH
1.5
Oscillator Frequency
fSW
VOUT = 80% of VOUT,NOM
1.05
1.35
1.6
MHz
VFB = 0.1V
450
kHz
PMOS On-Resistance
RONP
ACT8309, ISW = -100mA
0.15
0.234
ACT8310, ISW = -100mA
0.12
0.192
ACT8311, ISW = -100mA
0.10
0.165
NMOS On-Resistance
RONN
ISW = 100mA
0.15
0.26
Ω
EN Logic High Threshold
VIH
VIN = 2.7V to 5.0V
1.4
V
EN Logic Low Threshold
VIL
VIN = 2.7V to 5.0V
0.4
V
EN Input Bias Current
IEN
VIN = 5.0V, EN = G or IN
0.01
0.1
µA
POK Threshold
% of VOUT,NOM
95
%
POK Output Low Voltage
VOL
IPOK = 100µA
0.008
0.012
V
POK Leakage Current
IPOK
VPOK = 5.0V
0.01
0.1
µA
Ω
ELECTRICAL CHARACTERISTICS
(VIN = VEN = 3.6V, TA = 25˚C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com