Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5280 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5280
Description  15V, I2C Compatible Digital Potentiometers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280 Datasheet(HTML) 5 Page - Analog Devices

  AD5280 Datasheet HTML 1Page - Analog Devices AD5280 Datasheet HTML 2Page - Analog Devices AD5280 Datasheet HTML 3Page - Analog Devices AD5280 Datasheet HTML 4Page - Analog Devices AD5280 Datasheet HTML 5Page - Analog Devices AD5280 Datasheet HTML 6Page - Analog Devices AD5280 Datasheet HTML 7Page - Analog Devices AD5280 Datasheet HTML 8Page - Analog Devices AD5280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PRELIMINARY TECHNICAL DATA
AD5280/AD5282
REV PrE 12 MAR 02
5
Information contained in this Product Concept Data Sheet describes a product in the early definition stage. There is no guarantee that the information contained here will become a final
product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa Clara, CA. TEL 408 382-3107; FAX 408 382-2721; email; walt.heinzer@analog.com
TABLE 2: AD5282 PIN Function Descriptions
Pin
Name
Description
1
O1
Logic Output terminal O1
2
A1
Resistor terminal A1
3
W1
Wiper terminal W1
4
B1
Resistor terminal B1
5
VDD
Positive power supply, specified for
operation from +5 to +15V.
6
SHDN
Active Low, Asynchronous connection of
the wiper W to terminal B, and open
circuit of terminal A. RDAC register
contents unchanged.
7
SCL
Serial Clock Input
8
SDA
Serial Data Input/Output
9
AD0
Programmable address bit for multiple
package decoding. Bits AD0 & AD1
provide 4 possible addresses.
10
AD1
Programmable address bit for multiple
package decoding. Bits AD0 & AD1
provide 4 possible addresses.
11
GND
Common Ground
12
VSS
Negative power supply, specified for
operation from 0 to -5V
13
VL
Logic Supply Voltage, needs to be same
voltage as the digital logic controlling the
AD5282.
14
B2
Resistor terminal B2
15
W2
Wiper terminal W2
16
A2
Resistor terminal A2
t
4
SDA
SCL
PS
Sr
P
t
1
t
2
t
3
t
5
t
6
t
7
t
8
t
8
t
9
t
10
Figure 1. Detail Timing Diagram
Data of AD5280/AD5282 is accepted from the I
2C bus in the following serial format:
S
0
1
0
1
1
A
D
1
A
D
0
R/
W
W
W
W
A
A
AA
A/
B
R
S
S
D
O
1
O
2
X
X
X
A
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
P
Slave Address Byte
Instruction Byte
Data Byte
Where:
S = Start Condition
P = Stop Condition
A = Acknowledge
X = Don’t Care
AD1, AD0 = Package pin programmable address bits
R/
W
W
W
W= Read Enable at High and Write Enable at Low
A
AA
A/B = RDAC sub address select. “Zero” for RDAC1 and “One” for RDAC2
SD = Shutdown, same as
SHDN pin operation except inverse logic
O2, O1 = Output logic pin latched values
D7,D6,D5,D4,D3,D2,D1,D0 = Data Bits
SCL
SDA
1
9
1
0
1
1
0
AD0
AD1
R/
W
ACK. BY
AD5280
D7
D6
D5
D3
D4
D0
D1
D2
1
9
ACK. BY
AD5280
A/
B
RS
S D
O2
O1
X
X
X
1
9
ACK. BY
AD5280
FRAME 1
Slave Address Byte
START BY
MAS TER
FRA ME 2
Instruction Byte
FRAME 3
Data B yte
Figure 2. Writing to the RDAC Register



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com