Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5280 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5280
Description  15V, I2C Compatible Digital Potentiometers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5280 Datasheet HTML 2Page - Analog Devices AD5280 Datasheet HTML 3Page - Analog Devices AD5280 Datasheet HTML 4Page - Analog Devices AD5280 Datasheet HTML 5Page - Analog Devices AD5280 Datasheet HTML 6Page - Analog Devices AD5280 Datasheet HTML 7Page - Analog Devices AD5280 Datasheet HTML 8Page - Analog Devices AD5280 Datasheet HTML 9Page - Analog Devices AD5280 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRELIMINARY TECHNICAL DATA
AD5280/AD5282
8
REV PrE 12 MAR 02
Information contained in this Product Concept Data Sheet describes a product in the early definition stage. There is no guarantee that the information contained here will become a final
product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa Clara, CA. TEL 408 382-3107; FAX 408 382-2721; email; walt.heinzer@analog.com
condition, Figure 2. In Read mode, the master will issue a
No Acknowledge for the 9
th clock pulse (i.e., the SDA line
remains high). The master will then bring the SDA line low
before the 10
th clock pulse which goes high to establish a
STOP condition, Figure 3.
A repeated Write function gives the user flexibility to update the
RDAC output a number of times after addressing and instructing
the part only once. During the Write cycle, each Data byte will
update the RDAC output. For example, after the RDAC has
acknowledged its Slave Address and Instruction Bytes, the
RDAC output will update after these two bytes. If another byte
is written to the RDAC while it is still addressed to a specific
slave device with the same instruction, this byte will update the
output of the selected slave device. If different instructions are
needed, the Write mode has to start with a new Slave Address,
Instruction, and Data Bytes again. Similarly, a repeated Read
function of the RDAC is also allowed.
MULTIPLE DEVICES ON ONE BUS
Figure 5 shows four AD5282 devices on the same serial bus.
Each has a different slave address sine the state of their AD0 and
AD1 pins are different. This allows each RDAC within each
device to be written to or read from independently. The master
device output bus line drivers are open-drain pull downs in a
fully I2C compatible interface.
SDA SCL
AD5282
AD1
AD0
MASTER
SDA
SCL
Rp
Rp
+5V
SDA SCL
AD5282
AD1
AD0
SDA SCL
AD5282
AD1
AD0
SDA SCL
AD528 2
AD1
AD0
VDD
VDD
VDD
Figure 5. Multiple AD5282 Devices on One Bus
LEVEL SHIFT FOR BI-DIRECTIONAL INTERFACE
While most old systems may be operated at one voltage, a new
component may be optimized at another. When two systems
operate the same signal at two different voltages, proper method
of level shifting is needed. For instance, one can use a 3.3V
E
2PROM to interface with a 5V digital potentiometer. A level
shift scheme is needed in order to enable a bi-directional
communication so that the setting of the digital potentiometer
can be stored to and retrieved from the E
2PROM. Figure 6
shows one of the techniques. M1 and M2 can be N-Ch FETs
2N7002 or low threshold FDV301N if VDD falls below 2.5V.
3.3V
E 2PROM
5V
AD5282
SDA 1
SCL1
SDA 2
SCL2
Rp
Rp
Rp
Rp
VDD1 =3.3V
VDD2 =5V
D
D
S
S
G
G
M1
M2
Figure 6. Level Shift for different potential operation.
All digital inputs are protected with a series input resistor and
parallel Zener ESD structures shown in figure 7. Applies to
digital input pins SDA, SCL, and
SHDN
.
VSS
LOGIC
340
Ω
Ω
Ω
Ω
Figure 7. ESD Protection of digital pins
A,B,W
VSS
Figure 8. ESD Protection of Resistor Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com