Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8937A Datasheet(PDF) 27 Page - Active-Semi, Inc

Part # ACT8937A
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937A Datasheet(HTML) 27 Page - Active-Semi, Inc

Back Button ACT8937A Datasheet HTML 23Page - Active-Semi, Inc ACT8937A Datasheet HTML 24Page - Active-Semi, Inc ACT8937A Datasheet HTML 25Page - Active-Semi, Inc ACT8937A Datasheet HTML 26Page - Active-Semi, Inc ACT8937A Datasheet HTML 27Page - Active-Semi, Inc ACT8937A Datasheet HTML 28Page - Active-Semi, Inc ACT8937A Datasheet HTML 29Page - Active-Semi, Inc ACT8937A Datasheet HTML 30Page - Active-Semi, Inc ACT8937A Datasheet HTML 31Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
ACT8937A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 27 -
www.active-semi.com
The ACT8937A is optimized for use in applications
using
the
S5PC100, S5PC110 and S5PV210
processors, supporting both the power domains as
well as the signal interface for these processors.
The following paragraphs describe how to design
ACT8937A with S5PV210 Processor, but the
design
guidelines
are
directly
applicable
to
S5PC100 and S5PC110 as well.
While the ACT8937A supports many possible
configurations for powering these processors, one
of the most common configurations is detailed in
this datasheet. In general, this document refers to
the ACT8937A pin names and functions. However,
in cases where the description of interconnections
between these devices benefits by doing so, both
the ACT8937A pin names and the Samsung
processor pin names are provided. When this is
done, the S5PV210 pin names are located after the
ACT8937A pin names, and are italicized and
located inside parentheses. For example, PWREN
(XPWRRGTON) refers to the logic signal applied to
the ACT8937A's PWREN input, identifying that it is
driven from the S5PV210's XPWRRGTON output.
Likewise, OUT1 (VDD_IO) refers to ACT8937A's
OUT1 pin, identifying that it is connected to the
S5PV210's VDD_IO power domain.
SYSTEM CONTROL INFORMATION
Interfacing with the Samsung S5PC100, S5PC110 and S5PV210 Processors
Table 2:
ACT8937A and Samsung S5PV210 Power Domains
POWER DOMAIN
ACT8937A CHANNEL
TYPE
DEFAULT VOLTAGE
CURRENT CAPABILITY
VDD_IO
REG1
DC/DC
3.3V
1100mA
VDD_INT
REG2
DC/DC
1.1V/1.V
1100mA
VDD_ARM
REG3
DC/DC
1.25V/1.25V
1200mA
VDD_xPLL
REG4
LDO
1.1V
150mA
VDD_Alive
REG5
LDO
1.1V
150mA
VDD_UOTG_D
REG6
LDO
1.1V
250mA
VDD_UOTG_A
REG7
LDO
3.3V
250mA
Table 3:
ACT8937A and Samsung S5PV210 Power Modes
POWER
MODE
CONTROL STATE
POWER DOMAIN STATE
QUIESCENT
CURRENT
ALL ON
PWRHLD is asserted, PWREN is asserted
REG1, REG2, REG3, REG4, REG5,
REG6 and REG7 are all on
420µA
NORMAL
PWRHLD is asserted, PWREN is asserted,
REG6 and REG7 are disabled after system
boots up.
REG1, REG2, REG3, REG4 and
REG5 are on. REG6 and REG7 are off
340µA
SLEEP
PWRHLD is asserted, PWREN is de-asserted
REG1 and REG5 are on. REG2, REG3,
REG4, REG6 and REG7 are off
190µA
ALL OFF
PWRHLD is de-asserted, PWREN is de-
asserted
REG1, REG2, REG3, REG4, REG5,
REG6 and REG7 are all off
<18µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com