Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8937A Datasheet(PDF) 28 Page - Active-Semi, Inc

Part # ACT8937A
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937A Datasheet(HTML) 28 Page - Active-Semi, Inc

Back Button ACT8937A Datasheet HTML 24Page - Active-Semi, Inc ACT8937A Datasheet HTML 25Page - Active-Semi, Inc ACT8937A Datasheet HTML 26Page - Active-Semi, Inc ACT8937A Datasheet HTML 27Page - Active-Semi, Inc ACT8937A Datasheet HTML 28Page - Active-Semi, Inc ACT8937A Datasheet HTML 29Page - Active-Semi, Inc ACT8937A Datasheet HTML 30Page - Active-Semi, Inc ACT8937A Datasheet HTML 31Page - Active-Semi, Inc ACT8937A Datasheet HTML 32Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
ACT8937A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 28 -
www.active-semi.com
Table 5:
Control Pins
PIN NAME
OUTPUT
nPBIN
REG1, REG2, REG3, REG4, REG5, REG6, REG7
PWRHLD
REG1, REG5
PWREN
REG2, REG3, REG4, REG6, REG7
Control Signals
Enable Inputs
The ACT8937A features a variety of control inputs,
which are used to enable and disable outputs
depending upon the desired mode of operation.
PWRHLD is a logic input, and nPBIN is a unique,
multi-function input. Refer to Table 5 for a
description of which channels are controlled by
each input.
nPBIN Multi-Function Input
ACT8937A features the nPBIN multi-function pin,
which combines system enable/disable control with
warm and cold manual reset functions. Select either
of the two pin functions by asserting this pin, either
through a direct connection to GA, or through a
50kΩ resistor to GA, as shown in Figure 2.
Warm/Cold Manual Reset Function
The second major function of the nPBIN input is to
provide warm and cold manual reset function. To
manually reset the processor, drive nPBIN directly
to GA through a low impedance (less than 2.5kΩ).
An internal timer detects the duration of the manual
reset event.
Short Press/Warm Reset
When the manual reset button is pressed for less
than 130ms, ACT8937A commences a warm reset
operation where nRSTO immediately asserts low,
then remains asserted low until the manual reset
button is released for 130ms.
Long Press / Cold Reset (Power Cycle)
When the manual reset button is pressed for more
than 130ms, ACT8937A commences a power cycle
routine in which case all regulators are turned off
and then turned back on after reset button is
released with all the registers reloaded to default
values. When the ACT8937A turns on again, it
stays enabled for 260ms, the PWRHLD need to be
asserted during this time so that the system
remains
powered,
otherwise
the
ACT8937A
automatically shuts down.
Figure 2:
nPBIN Input
ACT8937A
DIRECTION
SAMSUNG S5V210
PWREN
XPWRRGTON
SCL
Xi2cSCL[0]
SDA
Xi2cSDA[0]
VSEL
DVS_GPIO
nRSTO
XnRESET
nIRQ
XEINT0
nPBSTAT
XEINT1
nLBO
XnBATF
PWRHLD
Power hold GPIO
Table 4:
ACT8937A and Samsung S5PV210 Signal Interface
1
: Optional connection for DVS control.
2
,
: Typical connections shown, actual connections may vary.
: Optional connection for power hold control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com