Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWC6340P9 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWC6340P9
Description  HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6340P9 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWC6340P9 Datasheet HTML 1Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 2Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 3Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 4Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 5Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 6Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 7Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 8Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PRELIMINARY DATA SHEET - Rev 1.8
02/2012
AWC6340
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
overtheconditionsdefinedintheelectricalspecifications.
Note:
(1) For operation at 3.1 V, POUT is derated by 0.8 dB.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VCC)
0
+5
V
Battery Voltage (VBATT)
0
+6
V
Control Voltages (VMODE, VEN)
0
+3.5
V
RF Input Power (PIN)
-
+10
dBm
Storage Temperature (TSTG)
-40
+150
°C
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)816
-849
MHz
Supply Voltage (VCC)+3.1+3.4+4.35
VPOUT ≤ +28 dBm
Enable Voltage (VEN)
+1.35
0
+1.8
-
+3.1
+0.5
V
PA "on"
PA "shut down"
Mode Control Voltage (VMODE)
+1.35
0
+1.8
-
+3.1
+0.5
V
Low Bias Mode
High Bias Mode
CDMA Output Power
HPM
LPM
27.5(1)
-
28
15
-
-
dBm
CDMA 2000, RC1
Case Temperature (TC)-30
-+90
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com