Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWC6340P9 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWC6340P9
Description  HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6340P9 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWC6340P9 Datasheet HTML 1Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 2Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 3Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 4Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 5Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 6Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 7Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 8Page - ANADIGICS, Inc AWC6340P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PRELIMINARY DATA SHEET - Rev 1.8
02/2012
AWC6340
APPLICATION
POUT
LEVELS
BIAS
MODE
VEN
VMODE
VCC
VBATT
Low power
≤
+15 dBm
Low+1.8 V+1.8 V3.1 - 4.35 V> 3.1 V
High power> +15 dBmHigh+1.8 V0 V3.1 - 4.35 V> 3.1 V
Shutdown-
Shutdown
0 V0 V3.1 - 4.35 V> 3.1 V
APPLICATION INFORMATION
Table 5: Bias Control
To ensure proper performance, refer to all related
Application Notes on the ANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
The power amplifier may be placed in a shutdown
mode by applying logic low levels (see Operating
Ranges table) to the VEN and VMODE voltages.
Bias Modes
The power amplifier may be placed in either Low or
High Bias modes by applying the appropriate logic
level (see Operating Ranges table) to the VMODE pin.
The Bias Control table below lists the recommended
modes of operation for various applications.
Two operating modes are recommended to optimize
current consumption. High Bias/High Power operating
mode is for POUT levels > 15 dBm. At about 15 dBm,
the PAshould be “Mode Switched” to Low Power Mode.
VEN
VCC
note 1
RFIN
notes 1,2
OFF Sequence
Referenced After 90% of Rise
Time
Referenced Before10% of Fall
Time
ON Sequence
On Sequence Start
T_0N=0µ
T_0N+1µS
T_0N+3µS
Off Sequence Start
T_0FF= 0µ
T_0FF+2µST_0FF+3µS
Vcontrols
Venable/Vmode(s)
Rise/Fall Max 1
µS
Defined at 10% to 90%
of Min/Max Voltage
Figure 3: Recommended ON/OFF Timing Sequence
Notes:
(1) Level might be changed after RF is ON.
(2) RF OFF defined as PIN ≤ -30 dBm.
(3) Switching simultaneously between VMODE and VEN is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com