Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWC6344 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWC6344
Description  HELP CDMA AWS/KPCS CDMA Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6344 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWC6344 Datasheet HTML 1Page - ANADIGICS, Inc AWC6344 Datasheet HTML 2Page - ANADIGICS, Inc AWC6344 Datasheet HTML 3Page - ANADIGICS, Inc AWC6344 Datasheet HTML 4Page - ANADIGICS, Inc AWC6344 Datasheet HTML 5Page - ANADIGICS, Inc AWC6344 Datasheet HTML 6Page - ANADIGICS, Inc AWC6344 Datasheet HTML 7Page - ANADIGICS, Inc AWC6344 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
11/2012
AWC6344
HELPTM CDMA AWS/KPCS
CDMA Power Amplifier Module
DATA SHEET- Rev 2.2
M45 Package
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• HELPTM technology
• High Efficiency (RC-1 waveform):
• 37 % @ POUT = +28 dBm
• 34 % @ POUT = +16.5 dBm
• Low Quiescent Current: 12 mA
• Low Leakage Current in Shutdown Mode:
<5 µA
• Internal Voltage Regulator
• Integrated “daisy chainable” directional coupler
with CPLIN and CPLOUT port
• Internal DC blocks on IN/OUT RF ports
• Optimized for a 50 Ω System
• 1.8 V Control Logic
• RoHS Compliant Package, 260 oC MSL-3
APPLICATIONS
• Band Class 4, 8 and 15
PRODUCT DESCRIPTION
The AWC6344 is a HELPTM product for CDMA
devices operating in AWS/KPCS band. This PA
incorporates ANADIGICS’ HELPTM technology to
deliver exceptional efficiency at low power levels and
low quiescent current without the need for external
voltage regulators or converters. The device is
manufactured using advanced InGaP HBT technology
offering state-of-the-art reliability, temperature stability,
and ruggedness. Two selectable bias modes that
optimize efficiency for different output power levels and
a shutdown mode with low leakage current increase
handset talk and standby time. A “daisy chainable”
directional coupler is integrated in the module, thus
eliminating the need of an external coupler. The
self-contained 3 mm x 3 mm x 1 mm surface mount
package incorporates matching networks optimized for
output power, efficiency, and linearity in a 50 Ω system.
AWC6344
1
2
3
4
5
10
9
8
7
6
VBATT
RFIN
GND
VMODE
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
Bias Control
Voltage Regulation
CPL
GND at Slug (pad)


Similar Part No. - AWC6344

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6340P9 ANADIGICS-AWC6340P9 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6340Q7 ANADIGICS-AWC6340Q7 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6341 ANADIGICS-AWC6341 Datasheet
320Kb / 8P
HELP CDMA Band Class 1 CDMA Power Amplifier Module
AWC6341P9 ANADIGICS-AWC6341P9 Datasheet
320Kb / 8P
HELP CDMA Band Class 1 CDMA Power Amplifier Module
More results

Similar Description - AWC6344

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
CDMA/AMPS Power Amplifier Module
logo
ANADIGICS, Inc
AWT6137 ANADIGICS-AWT6137 Datasheet
212Kb / 12P
HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 1.0
AWT6109 ANADIGICS-AWT6109 Datasheet
275Kb / 16P
KPCS CDMA 3.5V/28.5dBm Linear Power Amplifier Module
REV 2.2
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 0.0
CHP1237 ANADIGICS-CHP1237 Datasheet
243Kb / 12P
KPCS CDMA InGaP HBT Amplifier
Rev 1.5
AWT6309 ANADIGICS-AWT6309 Datasheet
456Kb / 8P
HELP2TM AWS/KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
05/2009
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
AWC6341 ANADIGICS-AWC6341 Datasheet
320Kb / 8P
HELP CDMA Band Class 1 CDMA Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
CDMA/AMPS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com