Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD883B Datasheet(PDF) 9 Page - Analog Devices

Part # AD883B
Description  Real-Time Analog Computational Unit ACU
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 9 Page - Analog Devices

Back Button AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices AD883B Datasheet HTML 10Page - Analog Devices AD883B Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD538
–9–
REV. C
ANALOG COMPUTATION OF POWERS AND ROOTS
It is often necessary to raise the quotient of two input signals to
a power or take a root. This could be squaring, cubing, square-
rooting or exponentiation to some noninteger power. Examples
include power series generation. With the AD538, only one or
two external resistors are required to set ANY desired power,
over the range of 0.2 to 5. Raising the basic quantity VZ /VX to a
power greater than one requires that the gain of the AD538’s log
ratio subtractor be increased, via an external resistor between
pins A and D. Similarly, a voltage divider that attenuates the log
ratio output between points B and C will program the power to
a value less than one.
312
18
17
2
10
15
8
VY (
)m
VZ
VREF
RA
VO
VZ
VY
VREF
VX
B
CAD
RA =
196
M –1
RB = RC
200
POWERS
m
RA
2
196
3
97.6
4
64.9
5
48.7
312
2
10
15
8
VY (
)m
VZ
VREF
VO
VZ
VY
VREF
VX
BC
RB
RC
ROOTS
m
RB
RC
1/2
100
100
1/3
100
49.9
1/4
150
49.9
1/5
162
40.2
RB
RC
=
–1
1
M
Figure 15. Basic Configurations and Transfer Functions
for the AD538
+15V
–15V
D1
IN4148
VOUT = 1V
VIN
1V
*
*
RC
100
RB
100
VOUT
7
1
8
6
4
2
3
+VS
IN4148
IN4148
AD OP-07
OR AD611
(VOS TAP
TO –VS)
–VS
20k
5k
20k
OPTIONAL
ABSOLUTE VALUE SECTION
10k
VIN
+2V
1k
1k
100
SCALE FACTOR
TRIM
RATIO MATCH 1% METAL FILM
RESISTORS FOR BEST ACCURACY
*
25k
25k
LOG
RATIO
100
25k
25k
ANTILOG
LOG
OUTPUT
100
AD538
INTERNAL
VOLTAGE
REFERENCE
I
VO
IZ
VZ
B
+10V
IY
A
D
IX
VX
C
PWR
GND
SIGNAL
GND
VY
118
17
16
15
14
13
12
11
10
2
3
4
5
6
7
8
9
+2V
VOS
20k
Figure 16. Square Root Circuit
SQUARE ROOT OPERATION
The explicit square root circuit of Figure 16 illustrates a precise
method for performing a real-time square root computation. For
added flexibility and accuracy, this circuit has a scale factor
adjustment.
The actual square rooting operation is performed in this circuit
by raising the quantity VZ /VX to the one-half power via the
resistor divider network consisting of resistors RB and RC. For
maximum linearity, the two resistors should be 1% (or better)
ratio-matched metal film types.
One volt scaling is achieved by dividing-down the 2 V reference
and applying approximately 1 V to both the VY and VX inputs.
In this circuit, the VX input is intentionally set low, to about
0.95 V, so that the VY input can be adjusted high, permitting a
±5% scale factor trim. Using this trim scheme, the output volt-
age will be within
±3 mV ± 0.2% of the ideal value over a 10 V
to 1 mV input range (80 dB). For a decreased input dynamic
range of 10 mV to 10 V (60 dB) the error is even less; here the
output will be within
±2 mV ± 0.2% of the ideal value. The
bandwidth of the AD538 square root circuit is approximately
280 kHz with a 1 V p-p sine wave with a +2 V dc offset.
This basic circuit may also be used to compute the cube, fourth
or fifth roots of an input waveform. All that is required for a
given root is that the correct ratio of resistors, RC and RB, be
selected such that their sum is between 150
Ω and 200 Ω.
The optional absolute value circuit shown preceding the AD538
allows the use of bipolar input voltages. Only one op amp is
required for the absolute value function because the IZ input of
the AD538 functions as a summing junction. If it is necessary to
preserve the sign of the input voltage, the polarity of the op amp
output may be sensed and used after the computation to switch
the sign bit of a D.V.M. chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com