Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD883B Datasheet(PDF) 10 Page - Analog Devices

Part # AD883B
Description  Real-Time Analog Computational Unit ACU
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 10 Page - Analog Devices

Back Button AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices AD883B Datasheet HTML 10Page - Analog Devices AD883B Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD538
–10–
REV. C
TRANSDUCER LINEARIZATION
Many electronic transducers used in scientific, commercial or
industrial equipment monitor the physical properties of a device
and/or its environment. Sensing (and perhaps compensating for)
changes in pressure, temperature, moisture or other physical
phenomenon can be an expensive undertaking, particularly
where high accuracy and very low nonlinearity are important. In
conventional analog systems accuracy may be easily increased
by offset and scale factor trims, however, nonlinearity is usually
the absolute limitation of the sensing device.
With the ability to easily program a complex analog function,
the AD538 can effectively compensate for the nonlinearities of
an inexpensive transducer. The AD538 can be connected be-
tween the transducer preamplifier output and the next stage of
monitoring or transmitting circuitry. The recommended proce-
dure for linearizing a particular transducer is first to find the
closest function which best approximates the nonlinearity of the
device and then, to select the appropriate exponent resistor
value(s).
ARC-TANGENT APPROXIMATION
The circuit of Figure 17 is typical of those AD538 applications
where the quantity VZ /VX is raised to powers greater than one.
In an approximate arc-tangent function, the AD538 will accu-
rately compute the angle that is defined by X and Y displace-
ments represented by input voltages VX and VZ. With accuracy
to within one degree (for input voltages between 100
µV and
10 volts), the AD538 arc-tangent circuit is more precise than
conventional analog circuits and is faster than most digital tech-
niques. For a direct arc-tangent computation that requires fewer
external components, refer to the AD639 data sheet. The circuit
shown is set up for the transfer function:
VV
V
V
V
REF
Z
X
θθ
θ
=−
() ()
()
121
.
where:
θ= Tan−1
Z
X


The (VθREF – Vθ) function is implemented in this circuit by
adding together the output, Vθ, and an externally applied refer-
ence voltage, VθREF, via an external AD547 op amp. The 1 µF
capacitor connected around the AD547’s 100 k
Ω feedback
resistor frequency compensates the loop (formed by the ampli-
fier between Vθ and VY).
25k
25k
LOG
RATIO
100
25k
25k
ANTILOG
LOG
OUTPUT
100
AD538
INTERNAL
VOLTAGE
REFERENCE
V = [V REF –V ]
( )
= TAN–1
( )
VZ
VX
Z
X
1.21
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
I
VO
IZ
VZ
B
+10V
+2V
IY
A
D
IX
VX
C
PWR
GND
SIGNAL
GND
VY
–VS
IN4148
RATIO MATCH 1% METAL
FILM RESISTORS FOR BEST
ACCURACY
*
+VS
1 F
1 F
+15V
–15V
V
VZ
AD547JH
R2
*
100k
+15V
–15V
0.1 F
100k
1 F
118k
R1
*
100k
10k
FULL-SCALE
ADJUST
RA
931 , 1%
VX
Figure 17. The Arc-Tangent Function
The VB/VA quantity is calculated in the same manner as in the
one-quadrant divider circuit, except that the resulting quotient
is raised to the 1.21 power. Resistor RA (nominally 931
Ω) sets
the power or m factor.
For the highest arc-tangent accuracy the external resistors R1
and R2 should be ratio matched; however, the offset trim
scheme shown in other circuits is not required since nonlinearity
effects are the predominant source of error. Also note that insta-
bility will occur as the output approaches 90
° because, by defini-
tion, the arc-tangent function is infinite and therefore, the AD538’s
gain will be extremely high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com