Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23LC512 Datasheet(PDF) 1 Page - Microchip Technology

Part # 23LC512
Description  512Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC512 Datasheet(HTML) 1 Page - Microchip Technology

  23LC512 Datasheet HTML 1Page - Microchip Technology 23LC512 Datasheet HTML 2Page - Microchip Technology 23LC512 Datasheet HTML 3Page - Microchip Technology 23LC512 Datasheet HTML 4Page - Microchip Technology 23LC512 Datasheet HTML 5Page - Microchip Technology 23LC512 Datasheet HTML 6Page - Microchip Technology 23LC512 Datasheet HTML 7Page - Microchip Technology 23LC512 Datasheet HTML 8Page - Microchip Technology 23LC512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS25155A-page 1
23A512/23LC512
Device Selection Table
Features:
• SPI-Compatible Bus Interface:
- 20 MHz Clock rate
- SPI/SDI/SQI mode
• Low-Power CMOS Technology:
- Read Current: 3 mA at 5.5V, 20 MHz
- Standby Current: 4
A at +85°C
• Unlimited Read and Write Cycles
• Zero Write Time
• 64K x 8-bit Organization:
- 32-byte page
• Byte, Page and Sequential mode for Reads and
Writes
• High Reliability
• Temperature Range Supported:
• Pb-Free and RoHS Compliant, Halogen Free
• 8-Lead SOIC, TSSOP and PDIP Packages
Pin Function Table
Description:
The Microchip Technology Inc. 23A512/23LC512 are
512Kbit Serial SRAM devices. The memory is
accessed via a simple Serial Peripheral Interface (SPI)
compatible serial bus. The bus signals required are a
clock input (SCK) plus separate data in (SI) and data
out (SO) lines. Access to the device is controlled
through a Chip Select (CS) input. Additionally, SDI
(Serial Dual Interface) and SQI (Serial Quad Interface)
is supported if your application needs faster data rates.
This device also supports unlimited reads and writes to
the memory array.
The 23A512/23LC512 is available in standard
packages including 8-lead SOIC, PDIP and advanced
8-lead TSSOP.
Package Types (not to scale)
Part
Number
VCC Range
Dual I/O
(SDI)
Quad I/O
(SQI)
Max. Clock
Frequency
Packages
23A512
1.7-2.2V
Yes
Yes
20 MHz
SN, ST, P
23LC512
2.5-5.5V
Yes
Yes
20 MHz
SN, ST, P
- Industrial (I):
-40
Cto +85C
Name
Function
CS
Chip Select Input
SO/SIO1
Serial Output/SDI/SQI Pin
SIO2
SQI Pin
Vss
Ground
SI/SIO0
Serial Input/SDI/SQI Pin
SCK
Serial Clock
HOLD/SIO3
Hold/SQI Pin
Vcc
Power Supply
CS
SO/SIO1
SIO2
Vss
Vcc
HOLD/SIO3
SCK
SI/SIO0
1
2
3
4
8
7
6
5
SOIC/TSSOP/PDIP
512Kbit SPI Serial SRAM with SDI and SQI Interface


Similar Part No. - 23LC512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23LC512 MICROCHIP-23LC512 Datasheet
428Kb / 32P
512-Kbit SPI Serial SRAM with SDI and SQI Interface
Revision C (May 2022)
23LC512-E/P MICROCHIP-23LC512-E/P Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23LC512-E/P MICROCHIP-23LC512-E/P Datasheet
428Kb / 32P
512-Kbit SPI Serial SRAM with SDI and SQI Interface
Revision C (May 2022)
23LC512-E/SN MICROCHIP-23LC512-E/SN Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23LC512-E/ST MICROCHIP-23LC512-E/ST Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
More results

Similar Description - 23LC512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A1024 MICROCHIP-23A1024 Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
2011-2012
23LCV1024 MICROCHIP-23LCV1024 Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV512 MICROCHIP-23LCV512 Datasheet
700Kb / 30P
512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LC1024-I MICROCHIP-23LC1024-I Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
11/29/11
23A1024 MICROCHIP-23A1024_15 Datasheet
427Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
03/25/14
23A512 MICROCHIP-23A512_13 Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23A512 MICROCHIP-23A512_V01 Datasheet
428Kb / 32P
512-Kbit SPI Serial SRAM with SDI and SQI Interface
Revision C (May 2022)
23A1024 MICROCHIP-23A1024_V01 Datasheet
663Kb / 33P
1-Mbit SPI Serial SRAM with SDI and SQI Interface
Revision D July 2022
23LCV1024 MICROCHIP-23LCV1024_V01 Datasheet
616Kb / 29P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
23LCV512 MICROCHIP-23LCV512_V01 Datasheet
672Kb / 29P
512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com