Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23LC512 Datasheet(PDF) 19 Page - Microchip Technology

Part # 23LC512
Description  512Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC512 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 23LC512 Datasheet HTML 15Page - Microchip Technology 23LC512 Datasheet HTML 16Page - Microchip Technology 23LC512 Datasheet HTML 17Page - Microchip Technology 23LC512 Datasheet HTML 18Page - Microchip Technology 23LC512 Datasheet HTML 19Page - Microchip Technology 23LC512 Datasheet HTML 20Page - Microchip Technology 23LC512 Datasheet HTML 21Page - Microchip Technology 23LC512 Datasheet HTML 22Page - Microchip Technology 23LC512 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS25155A-page 19
23A512/23LC512
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
8-Lead SOIC (3.90 mm)
XXXXYYWW
XXXXXXXT
NNN
Example:
SN
0528
23A512I
1L7
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
8-Lead TSSOP
Example:
XXXX
TYWW
NNN
3LAI
I837
1L7
8-Lead PDIP (300 mil)
Example:
XXXXXXXX
XXXXXNNN
YYWW
23A512
I/P
1L7
0528
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com