Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PICDEMPIC18 Datasheet(PDF) 33 Page - Microchip Technology

Part # PICDEMPIC18
Description  PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEMPIC18 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PICDEMPIC18 Datasheet HTML 29Page - Microchip Technology PICDEMPIC18 Datasheet HTML 30Page - Microchip Technology PICDEMPIC18 Datasheet HTML 31Page - Microchip Technology PICDEMPIC18 Datasheet HTML 32Page - Microchip Technology PICDEMPIC18 Datasheet HTML 33Page - Microchip Technology PICDEMPIC18 Datasheet HTML 34Page - Microchip Technology PICDEMPIC18 Datasheet HTML 35Page - Microchip Technology PICDEMPIC18 Datasheet HTML 36Page - Microchip Technology PICDEMPIC18 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Hardware Details
© 2008 Microchip Technology Inc.
DS51721B-page 29
A.1.13
LCD
An LCD display with two lines, 16 characters each, is connected to the SPI I/O
expander, MCP23S17. The two control lines and eight data lines are connected to the
I/O expander.
The I/O expander has an SPI interface that connects it to the microcontroller.The I/O
expander is disabled or enabled from the SPI by jumper JP3.
A.1.14
Sample Devices
A sample part programmed with a simple program is included in the PICDEM PIC18
Explorer Demonstration Board Kit. The devices’ I/O features and port connections are
listed in Table A-1.
TABLE A-1:
SAMPLE DEVICE I/O FEATURES AND CONNECTIONS
Device
LEDs
RS-232/
USB
S1
S2
S3
LCD
Pot
R3
EEPROM
Temp
Sensor
ICD/
PICkit™ 2
Y1,
Y2
PIC18F8722
RD7:RD0
RC6/RC7 RB0 RA5 MCLR
RC3:RC5
RA0
RC3:RC5
RA1
RB6/RB7
Yes
PIC18F87J11
RD7:RD0
RC6/RC7 RB0 RA5 MCLR
RC3:RC5
RA0
RC3:RC5
RA1
RB6/RB7
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com