Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PICDEMPIC18 Datasheet(PDF) 15 Page - Microchip Technology

Part # PICDEMPIC18
Description  PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEMPIC18 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PICDEMPIC18 Datasheet HTML 11Page - Microchip Technology PICDEMPIC18 Datasheet HTML 12Page - Microchip Technology PICDEMPIC18 Datasheet HTML 13Page - Microchip Technology PICDEMPIC18 Datasheet HTML 14Page - Microchip Technology PICDEMPIC18 Datasheet HTML 15Page - Microchip Technology PICDEMPIC18 Datasheet HTML 16Page - Microchip Technology PICDEMPIC18 Datasheet HTML 17Page - Microchip Technology PICDEMPIC18 Datasheet HTML 18Page - Microchip Technology PICDEMPIC18 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Getting Started
© 2008 Microchip Technology Inc.
DS51721B-page 11
2.1.2
Reprogramming the Microcontroller
Either or both the main PIC18F8722 microcontroller and RS-232-USB, or the
PIC18LF2450 microcontroller, can be reprogrammed for running the board as a
stand-alone device.
To implement this usage:
1.
Reprogram either or both devices, as described in Section 2.4 “Programming
the Microcontrollers”.
2.
Disconnect the programming devices.
3.
Follow the procedure given in Section 2.1.1 “Using the Board As Is”.
2.2
BOARD WITH IN-CIRCUIT DEBUGGER
The PICDEM PIC18 Explorer Demonstration Board can also be connected to an
In-Circuit Debugger (ICD) that is connected to a host PC. This can be done with the
board’s main microcontroller configured as either the mounted PIC18F8722 device or
an alternate device mounted to a PIM that is plugged into the board. (For information
on PIM attached devices, see Section 2.3 “Board with PIM Attached Devices”.)
The MPLAB® ICD 2 In-Circuit Debugger is an inexpensive ICD that could be used. (For
more information, see Section 2.4.1 “Programming Requirements”.) The ICD is
connected, as shown in Figure 2-3, to the ICD connector. For operational information,
see “MPLAB® ICD 2 In-Circuit Debugger User’s Guide” (DS51331).
The PICDEM™ PIC18 Explorer Demonstration Board can alternately use the MPLAB®
REAL ICE™ Emulator as a debugger. For more information, see the “Microchip
Development Systems Ordering Guide” (DS30177).
FIGURE 2-3:
BOARD WITH MPLAB® ICD 2 IN-CIRCUIT DEBUGGER
ATTACHED
For information on other microcontroller compatible ICD or ICE devices, see the
“Microchip Development Systems Ordering Guide” or the Microchip web site at
http://microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com