Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD627 Datasheet(PDF) 1 Page - Analog Devices

Part # AD627
Description  Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 1 Page - Analog Devices

  AD627 Datasheet HTML 1Page - Analog Devices AD627 Datasheet HTML 2Page - Analog Devices AD627 Datasheet HTML 3Page - Analog Devices AD627 Datasheet HTML 4Page - Analog Devices AD627 Datasheet HTML 5Page - Analog Devices AD627 Datasheet HTML 6Page - Analog Devices AD627 Datasheet HTML 7Page - Analog Devices AD627 Datasheet HTML 8Page - Analog Devices AD627 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD627
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Micropower, Single and Dual Supply
Rail-to-Rail Instrumentation Amplifier
FUNCTIONAL BLOCK DIAGRAM
8-Lead Plastic DIP (N) and SOIC (R)
8
7
6
5
1
2
3
4
RG
–IN
+IN
–VS
RG
+VS
OUTPUT
REF
AD627
FEATURES
Micropower, 85
A Max Supply Current
Wide Power Supply Range (+2.2 V to
18 V)
Easy to Use
Gain Set with One External Resistor
Gain Range 5 (No Resistor) to 1,000
Higher Performance than Discrete Designs
Rail-to-Rail Output Swing
High Accuracy DC Performance
0.10% Gain Accuracy (G = 5) (AD627A)
10 ppm Gain Drift (G = 5)
125
V Max Input Offset Voltage (AD627B)
200
V Max Input Offset Voltage (AD627A)
1
V/ C Max Input Offset Voltage Drift (AD627B)
3
V/ C Max Input Offset Voltage Drift (AD627A)
10 nA Max Input Bias Current
Noise: 38 nV/
√Hz RTI Noise @ 1 kHz (G = 100)
Excellent AC Specifications
77 dB Min CMRR (G = 5) (AD627A)
83 dB Min CMRR (G = 5) (AD627B)
80 kHz Bandwidth (G = 5)
135
s Settling Time to 0.01% (G = 5, 5 V Step)
APPLICATIONS
4 mA-to-20 mA Loop Powered Applications
Low Power Medical Instrumentation—ECG, EEG
Transducer Interfacing
Thermocouple Amplifiers
Industrial Process Controls
Low Power Data Acquisition
Portable Battery Powered Instruments
PRODUCT DESCRIPTION
The AD627 is an integrated, micropower, instrumentation
amplifier that delivers rail-to-rail output swing on single and
dual (+2.2 V to
±18 V) supplies. The AD627 provides the user
with excellent ac and dc specifications while operating at only
85
µA max.
The AD627 offers superior user flexibility by allowing the user
to set the gain of the device with a single external resistor, and
by conforming to the 8-lead industry standard pinout configura-
tion. With no external resistor, the AD627 is configured for a
gain of 5. With an external resistor, it can be programmed for
gains of up to 1000.
Wide supply voltage range (+2.2 V to
±18 V), and micropower
current consumption make the AD627 a perfect fit for a wide
range of applications. Single supply operation, low power con-
sumption and rail-to-rail output swing make the AD627 ideal
for battery powered applications. Its rail-to-rail output stage
maximizes dynamic range when operating from low supply
voltages. Dual supply operation (
±15 V) and low power con-
sumption make the AD627 ideal for industrial applications,
including 4 mA-to-20 mA loop-powered systems.
The AD627 does not compromise performance, unlike other
micropower instrumentation amplifiers. Low voltage offset,
offset drift, gain error, and gain drift keep dc errors to a mini-
mum in the users system. The AD627 also holds errors over
frequency to a minimum by providing excellent CMRR over
frequency. Line noise, as well as line harmonics, will be rejected,
since the CMRR remains high up to 200 Hz.
The AD627 provides superior performance, uses less circuit
board area and does it for a lower cost than micropower discrete
designs.
FREQUENCY – Hz
100
1
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
TRADITIONAL
LOW POWER
DISCRETE DESIGN
AD627
Figure 1. CMRR vs. Frequency,
±5 V
S, Gain = 5


Similar Part No. - AD627

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD627 AD-AD627 Datasheet
1Mb / 24P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AD627 AD-AD627 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD627 AD-AD627 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD627 AD-AD627 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
More results

Similar Description - AD627

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
December 8, 2006
logo
Analog Devices
AD627 AD-AD627_07 Datasheet
1Mb / 24P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
August 17, 2007
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
May 14, 2009
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Analog Devices
AD627 AD-AD627_15 Datasheet
1Mb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD623 AD-AD623_16 Datasheet
1Mb / 27P
Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. E
AD627 AD-AD627_16 Datasheet
977Kb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
REV. A
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com