Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD627 Datasheet(PDF) 4 Page - Analog Devices

Part # AD627
Description  Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 4 Page - Analog Devices

  AD627 Datasheet HTML 1Page - Analog Devices AD627 Datasheet HTML 2Page - Analog Devices AD627 Datasheet HTML 3Page - Analog Devices AD627 Datasheet HTML 4Page - Analog Devices AD627 Datasheet HTML 5Page - Analog Devices AD627 Datasheet HTML 6Page - Analog Devices AD627 Datasheet HTML 7Page - Analog Devices AD627 Datasheet HTML 8Page - Analog Devices AD627 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
–4–
REV. A
AD627–SPECIFICATIONS
ORDERING GUIDE
Model
Temperature Range
Package Descriptions
Package Options
AD627AN
–40
°C to +85°C
Plastic DIP
N-8
AD627AR
–40
°C to +85°C
Small Outline (SOIC)
SO-8
AD627AR-REEL
–40
°C to +85°C
8-Lead SOIC 13" Reel
SO-8
AD627AR-REEL7
–40
°C to +85°C
8-Lead SOIC 7" Reel
SO-8
AD627BN
–40
°C to +85°C
Plastic DIP
N-8
AD627BR
–40
°C to +85°C
Small Outline (SOIC)
SO-8
AD627BR-REEL
–40
°C to +85°C
8-Lead SOIC 13" Reel
SO-8
AD627BR-REEL7
–40
°C to +85°C
8-Lead SOIC 7" Reel
SO-8
BOTH DUAL AND SINGLE SUPPLIES
Model
AD627A
AD627B
Specification
Conditions
Min
Typ
Max
Min
Typ
Max
Units
NOISE
Voltage Noise, 1 kHz
Total RTI Noise =
(eni)
(eno/ )
22
G
+
Input, Voltage Noise, eni
38
38
nV/
√Hz
Output, Voltage Noise, eno
177
177
nV/
√Hz
RTI, 0.1 Hz to 10 Hz
G = 5
1.2
1.2
µV p-p
G = 1000
0.56
0.56
µV p-p
Current Noise
f = 1 kHz
50
50
fA/
√Hz
0.1 Hz to 10 Hz
1.0
1.0
pA p-p
REFERENCE INPUT
RIN
RG =
∞
125
125
k
Ω
Gain to Output
1
1
Voltage Range1
POWER SUPPLY
Operating Range
Dual Supply
±1.1
±18
±1.1
±18
V
Single Supply
2.2
36
2.2
36
V
Quiescent Current
60
85
60
85
µA
Over Temperature
200
200
nA/
°C
TEMPERATURE RANGE
For Specified Performance
–40
+85
–40
+85
°C
NOTES
1See Applications section for input range, gain range and common-mode range.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic Package (N) . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . . 0.8 W
–IN, +IN . . . . . . . . . . . . . . . . . . . . . –VS – 20 V to +VS + 20 V
Common-Mode Input Voltage . . . . –VS – 20 V to +VS + 20 V
Differential Input Voltage (+IN – (–IN)) . . . . . . . . +VS – (–VS)
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range N, R . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD627 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic DIP Package:
θ
JA = 90°C/W.
8-Lead SOIC Package:
θ
JA = 155°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com