Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1630 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS1630
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS1630 Datasheet HTML 33Page - Cirrus Logic CS1630 Datasheet HTML 34Page - Cirrus Logic CS1630 Datasheet HTML 35Page - Cirrus Logic CS1630 Datasheet HTML 36Page - Cirrus Logic CS1630 Datasheet HTML 37Page - Cirrus Logic CS1630 Datasheet HTML 38Page - Cirrus Logic CS1630 Datasheet HTML 39Page - Cirrus Logic CS1630 Datasheet HTML 40Page - Cirrus Logic CS1630 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
CS1630/31
DS954F2
37
6.20 Configuration 15 (Config15) Address 47
6.21 Configuration 16 (Config16) Address 48
7
654
32
10
EXIT_PH3
EXIT_PH2
EXIT_PH1
EXIT_PH0
DECL_PH3
DECL_PH2
DECL_PH1
DECL_PH0
Number
Name
Description
[7:4]
EXIT_PH[3:0]
Configures the number of channel 1 switching periods between phase syn-
chronization conditions on the second stage. EXIT_PH[3:0] provides a hyster-
esis to prevent consecutive resynchronizations by the controller. The value is
an unsigned integer in the range of 0
value15. EXIT_PH[3:0] needs to be
configured only for designs that use a dual channel synchronization circuit and
is not directly driven from the SYNC pin. The RESYNC bit must be enabled
(see “Configuration 17 (Config17) – Address 49” on page 38).
[3:0]
DECL_PH[3:0]
Configures the number of second stage switching periods with improper out-
put identification until the controller resynchronizes. There is a counter that
increments by 1 on improper output identification and decrements by 2 if
proper output identification is measured. If this counter exceeds the threshold
set by bits DECL_PH[3:0] and the controller has not seen a phase resynchro-
nization in EXIT_PH[3:0] cycles, the controller resynchronizes. The value is an
unsigned integer in the range of 0
value15. DECL_PH[3:0] needs to be con-
figured only for designs that use a dual channel synchronization circuit and is
not directly driven from the SYNC pin. The RESYNC bit must be enabled (see
“Configuration 17 (Config17) – Address 49” on page 38).
7
654
32
10
RE2_ZCD2
RE2_ZCD1
RE2_ZCD0
CH2_ZCD2
CH2_ZCD1
CH2_ZCD0
SCP
VDIFF
Number
Name
Description
[7:5]
RE2_ZCD[2:0]
Sets the fixed time delay TRE2ZCD(delay) for zero-current detection (ZCD) com-
parator to account for the delay on the rising edge of ZCD for channel 2. The
value is an unsigned integer in the range of 0
value7. The delay is defined
by:
[4:2]
CH2_ZCD[2:0]
Sets fixed time delay TCH2ZCD(delay) to account for the delay of the second
stage zero-current detection (ZCD) comparator during channel 2 switching
cycles when the voltage applied to the FBAUX pin falls below the 200mV ZCD
comparator threshold. Configuring TCH2ZCD(delay) is essential to achieve good
quasi-resonant (valley switching) performance. The value is an unsigned inte-
ger in the range of 0
value7. The delay is defined by:
[1]
SCP
Configures the second stage short circuit protection.
0 = Enable short circuit protection
1 = Disable short circuit protection
[0]
VDIFF
Configures the VDiff fault mechanism for use by the protection module.
0 = Enable VDiff fault
1 = Disable VDiff fault
TRE2ZCD delay

RE2_ZCD
=
[2:0] 50ns
TCH2ZCD delay

CH2_ZCD
=
[2:0] 50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com