Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1630 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS1630
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS1630 Datasheet HTML 46Page - Cirrus Logic CS1630 Datasheet HTML 47Page - Cirrus Logic CS1630 Datasheet HTML 48Page - Cirrus Logic CS1630 Datasheet HTML 49Page - Cirrus Logic CS1630 Datasheet HTML 50Page - Cirrus Logic CS1630 Datasheet HTML 51Page - Cirrus Logic CS1630 Datasheet HTML 52Page - Cirrus Logic CS1630 Datasheet HTML 53Page - Cirrus Logic CS1630 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
CS1630/31
50
DS954F2
6.43 Configuration 62 (Config62) – Address 94
6.44 CRC Tag (CRC_TAG) – Address 102
CRC Tag register used by the communication system. To activate the use of this register the CRC bit must be
programmed to ‘1’ (see "Configuration 38 (Config38) – Address 70" on page 39). The correct CRC value is ob-
tained by computing the CRC for all the registers from address 0 through 95. This includes all the reserved set-
tings which have been factory programmed.
7
654
32
10
CH2_OFF2
CH2_OFF1
CH2_OFF0
CH1_OFF2
CH1_OFF1
CH1_OFF0
BST_LLP1
BST_LLP0
Number
Name
Description
[7:5]
CH2_OFF[2:0]
Sets fixed offset delay for ZCD comparator and other path delays in order to
get correct T2 measurements for channel 2. Adjusting CH2_OFF[2:0] correctly
is necessary to achieve accurate and predictable output currents across the
entire dimming range.The offset delay is given by:
[4:2]
CH1_OFF[2:0]
Sets fixed offset delay for ZCD comparator and other path delays in order to
get correct T2 measurements for channel 1. Adjusting CH1_OFF[2:0] correctly
is necessary to achieve accurate and predictable output currents across the
entire dimming range. The offset delay is given by:
[1:0]
BST_LLP[1:0]
Sets the minimum value VLLPMin(th) by which the boost output voltage needs to
be below the AC line voltage to trigger an LLP fault.
00 = 80V for 120V applications; 160V for 230V applications
01 = 40V for 120V applications; 80V for 230V applications
10 = 20V for 120V applications; 40V for 230V applications
11 = 10V for 120V applications; 20V for 230V applications
7
654
32
10
27
26
25
24
23
22
21
20
CH2_OFF[2:0] 50ns
CH1_OFF[2:0] 50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com