Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD688 Datasheet(PDF) 8 Page - Analog Devices

Part # AD688
Description  High Precision -10 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 8 Page - Analog Devices

  AD688 Datasheet HTML 1Page - Analog Devices AD688 Datasheet HTML 2Page - Analog Devices AD688 Datasheet HTML 3Page - Analog Devices AD688 Datasheet HTML 4Page - Analog Devices AD688 Datasheet HTML 5Page - Analog Devices AD688 Datasheet HTML 6Page - Analog Devices AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD688
REV. A
–8–
Attempts to drive a large capacitive load (in excess of 1,000 pF)
may result in ringing or oscillation, as shown in the step re-
sponse photo (Figure 14a). This is due to the additional pole
formed by the load capacitance and the output impedance of the
amplifier, which consumes phase margin. The recommended
method of driving capacitive loads of this magnitude is shown in
Figure 14b. The 150
Ω resistor isolates the capacitive load from
the output stage, while the 10 k
Ω resistor provides a dc feedback
path and preserves the output accuracy. The 1
µF capacitor
provides a high frequency feedback loop. The performance of
this circuit is shown in Figure 14c.
Figure 14a. Output Amplifier Step Response, CL = 1 µF
Figure 14b. Compensation for Capacitive Loads
Figure 14c. Output Amplifier Step Response Using Figure
14b Compensation
BRIDGE DRIVER CIRCUIT
The Wheatstone bridge is a common transducer. In its simplest
form, a bridge consists of 4 two-terminal elements connected to
form a quadrilateral, a source of excitation connected along one
of the diagonals and a detector comprising the other diagonal.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
In this unipolar drive configuration, the output voltage of the
bridge is riding on a common-mode voltage signal equal to
approximately VIN/2. Further processing of this signal may
necessarily be limited to high common-mode rejection
techniques such as instrumentation or isolation amplifiers.
However, if the bridge is driven from a pair of bipolar supplies,
then the common-mode voltage is ideally eliminated and the
restrictions on any processing elements that follow are relaxed.
As shown in Figure 15, the AD688 is an excellent choice for the
control element in a bipolar bridge driver scheme. Transistors
Q1 and Q2 serve as series pass elements to boost the current
drive capability to the 57 mA required by the typical 350
Ω
bridge. A differential gain stage may still be required if the
bridge balance is not perfect.
Figure 15. Bipolar Bridge Drive



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com