Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD688 Datasheet(PDF) 1 Page - Analog Devices

Part # AD688
Description  High Precision -10 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 1 Page - Analog Devices

  AD688 Datasheet HTML 1Page - Analog Devices AD688 Datasheet HTML 2Page - Analog Devices AD688 Datasheet HTML 3Page - Analog Devices AD688 Datasheet HTML 4Page - Analog Devices AD688 Datasheet HTML 5Page - Analog Devices AD688 Datasheet HTML 6Page - Analog Devices AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Precision
10 V Reference
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT HIGHLIGHTS
1. The AD688 offers precision tracking
±10 V Kelvin output
connections with no external components. Tracking error is
less than 1.5 mV and a fine-trim is available for applications
requiring exact symmetry between the +10 V and –10 V
outputs.
2. The AD688 offers 12-bit absolute accuracy without any user
adjustments. Optional fine-trim connections are provided for
applications requiring higher precision. The fine-trimming
does not alter the operating conditions of the Zener or the
buffer amplifiers and thus does not increase the temperature
drift.
3. Output noise of the AD688 is low – typically 6
µV p-p. A pin
is provided for broadband noise filtering using an external
capacitor.
4. The AD688 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD688/883B data sheet for detailed
specifications.
AD688*
FEATURES
10 V Tracking Outputs
Kelvin Connections
Low Tracking Error – 1.5 mV
Low Initial Error – 2.0 mV
Low Drift – 1.5 ppm/ C
Low Noise – 6
V p-p
Flexible Output Force and Sense Terminals
High Impedance Ground Sense
Machine Insertable DIP Packaging
MIL-STD-883 Compliant Versions Available
PRODUCT DESCRIPTION
The AD688 is a high precision
±10 V tracking reference. Low
tracking error, low initial error and low temperature drift give
the AD688 reference absolute
±10 V accuracy performance
previously unavailable in monolithic form. The AD688 uses a
proprietary ion-implanted buried Zener diode, and laser-wafer-
drift-trimming of high stability thin-film resistors to provide
outstanding performance at low cost.
The AD688 includes the basic reference cell and three additional
amplifiers. The amplifiers are laser-trimmed for low offset and
low drift and maintain the accuracy of the reference. The
amplifiers are configured to allow Kelvin connections to the
load and/or boosters for driving long lines or high current loads,
delivering the full accuracy of the AD688 where it is required in
the application circuit.
The low initial error allows the AD688 to be used as a system
reference in precision measurement applications requiring
12-bit absolute accuracy. In such systems, the AD688 can
provide a known voltage for system calibration and the cost of
periodic recalibration can therefore be eliminated. Furthermore,
the mechanical instability of a trimming potentiometer and the
potential for improper calibration can be eliminated by using
the AD688 and calibration software.
The AD688 is available in three versions. The AD688AQ and
BQ grades are packaged in 16-pin cerdip (0.3") packages and
are specified for operation from –40
°C to +85°C. The AD688SQ
grade is specified for operation from –55
°C to +125°C.
*Covered by Patent Number 4,644,253.


Similar Part No. - AD688

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD688 AD-AD688 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688AQ AD-AD688AQ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688BQ AD-AD688BQ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
More results

Similar Description - AD688

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
7/04-Data Sheet Changed from REV. E to REV. F.
REF01 AD-REF01 Datasheet
384Kb / 12P
10 V Precision Voltage Reference
10/02-Data Sheet changed from REV. B to REV. C.
AD581 AD-AD581 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD581SH AD-AD581SH Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD587 AD-AD587_15 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com