Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7112 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7112
Description  LC2MOS LOGDAC Dual Logarithmic D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7112 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7112 Datasheet HTML 4Page - Analog Devices AD7112 Datasheet HTML 5Page - Analog Devices AD7112 Datasheet HTML 6Page - Analog Devices AD7112 Datasheet HTML 7Page - Analog Devices AD7112 Datasheet HTML 8Page - Analog Devices AD7112 Datasheet HTML 9Page - Analog Devices AD7112 Datasheet HTML 10Page - Analog Devices AD7112 Datasheet HTML 11Page - Analog Devices AD7112 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD7112
REV. 0
–8–
–60
–80
–100
–90
–70
10
10
10
10
10
12
34
5
FREQUENCY – Hz
OP275
AD712
VIN = 6V rms
INPUT CODE = 0000 0000
T = +25
°C
C1 = 15pF
Figure 8. Distortion vs. Frequency
–40
–70
–100
103
104
106
105
–80
–90
–60
–50
FREQUENCY – Hz
VDD = +5V
T = +25
°C
VINA, VINB = 20V p–p SINE WAVE
Figure 9. Feedthrough vs. Frequency
–40
–70
–100
103
104
106
105
–80
–90
–60
–50
VDD = +5V
TA = +25°C
VINA = 20V p–p SINE WAVE
VINB = 0V
BOTH DAC LATCHES LOADED
WITH 0000 0000
FREQUENCY – Hz
Figure 10. Channel-to-Channel Isolation vs. Frequency
2
0
–40
85
–15
1
35
60
10
TEMPERATURE –
°C
VDD = +5V
VIN = –10V
DATA INPUT = 1111 XXXX
Figure 11. Output Leakage Current vs. Temperature
AD712
OUTPUT
DATA INPUTS
FROM 00H TO 80H
10
90
100
0%
200ns
5V
10mV
A1
2.0V
VDD = +5V
TA = +25°C
VIN = AGND
Figure 12. Digital-to-Analog Glitch Impulse
FREQUENCY – Hz
50
30
10
102
103
105
104
VDD = +5V
VIN = 0V
DAC CODE = 0000 0000
INCLUDES OP275 AMPLIFIER NOISE
20
40
Figure 13. Noise Spectral Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com