Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7112 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7112
Description  LC2MOS LOGDAC Dual Logarithmic D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7112 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7112 Datasheet HTML 4Page - Analog Devices AD7112 Datasheet HTML 5Page - Analog Devices AD7112 Datasheet HTML 6Page - Analog Devices AD7112 Datasheet HTML 7Page - Analog Devices AD7112 Datasheet HTML 8Page - Analog Devices AD7112 Datasheet HTML 9Page - Analog Devices AD7112 Datasheet HTML 10Page - Analog Devices AD7112 Datasheet HTML 11Page - Analog Devices AD7112 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7112
REV. 0
–11–
OUTPUT
INPUT
VARIABLE
GAIN ELEMENT
1/2 AD7112
D
UP/DOWN COUNTER
U
VREF
END STOP AND
CONTROL LOGIC
DETECTOR
COMPARATOR
Figure 21. Automatic Gain Control System
Programmable State Variable Filter
The AD7112 with its multiplying capability and fast settling
time is ideal for many types of signal conditioning applications.
The circuit of Figure 22 shows its use in a state variable filter
design. This type of filter has three outputs: low pass, bandpass
and high pass. The particular version shown in Figure 22 uses
two AD7112 to control the critical parameters f0, Q and A0. In-
stead of several fixed resistors, the circuit uses the DAC equiva-
lent resistances as circuit elements. Thus, R1 in Figure 22 is
controlled by the 8-bit word loaded to DAC A1 of the AD7112.
This is also the case with R2, R3 and R4.
DAC Equivalent Resistance,
REQ =
RDAC
10
× EXP (–0.375 × N /20)
where:
RDAC is the DAC ladder resistance.
N is the DAC code in Decimal (0
≤N≤240).
DACs A1 and B1 control the gain and Q of the filter character-
istic while DACs A2 and B2 control the cutoff frequency.
Circuit equations:
C1 = C2, R3 = R4, R7 = R8.
Resonant frequency, f0 = 1/(2
π R3C1).
Quality factor, Q = (R6/R8)
× (R2/R
FBB1).
RFBB1 is the feedback resistance of DAC B1 in Figure 22
Bandpass Gain, A0 = –R2/R1.
Programmable range for component values shown is f0 = 0 kHz
to 15 kHz and Q = 0.3 to 4.5.
DATA 2
OUT A
AD7112
DAC A1
(R1)
VIN A
RFB B
C3
10pF
VIN
NOTES
1. A1, A2, A3, A4 : 1/4 x AD713
2. C3 IS A COMPENSATION CAPACITOR TO ELIMINATE Q AND GAIN VARIATIONS
CAUSED BY AMPLIFIER GAIN BANDWIDTH LIMITATIONS
HIGH
PASS
OUTPUT
OUT B
DAC B1
(R2)
BANDPASS
OUTPUT
VIN B
LOW-PASS
OUTPUT
R7
30k
Ω
R8
30k
Ω
R6
10k
Ω
C1
1000pF
C2
1000pF
R5
DB0–DB7
CS
WR
DAC A/
DAC B
DATA 1
DAC A2
(R3)
DAC B2
(R4)
A1
OUT A
AD7112
VIN A
OUT B
VIN B
DB0–DB7
CS
WR
DAC A/
DAC B
A2
A3
A4
Figure 22. Programmable State Variable Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com