Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD243 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJD243
Description  NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD243 Datasheet(HTML) 2 Page - Motorola, Inc

  MJD243 Datasheet HTML 1Page - Motorola, Inc MJD243 Datasheet HTML 2Page - Motorola, Inc MJD243 Datasheet HTML 3Page - Motorola, Inc MJD243 Datasheet HTML 4Page - Motorola, Inc MJD243 Datasheet HTML 5Page - Motorola, Inc MJD243 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD243
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1) (IC = 10 mAdc, IB = 0)
VCEO(sus)
100
—
Vdc
Collector Cutoff Current (VCB = 100 Vdc, IE = 0)
Collector Cutoff Current (VCB = 100 Vdc, IE = 0, TJ = 125_C)
ICBO
—
—
100
100
nAdc
µAdc
Emitter Cutoff Current (VBE = 7 Vdc, IC = 0)
IEBO
—
100
nAdc
DC Current Gain (1) (IC = 200 mAdc, VCE = 1 Vdc)
DC Current Gain (1) (IC = 1 Adc, VCE = 1 Vdc)
hFE
40
15
180
—
—
Collector–Emitter Saturation Voltage (1)
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 1 Adc, IB = 100 mAdc)
VCE(sat)
—
—
0.3
0.6
Vdc
Base–Emitter Saturation Voltage (1) (IC = 2 Adc, IB = 200 mAdc)
VBE(sat)
—
1.8
Vdc
Base–Emitter On Voltage (1) (IC = 500 mAdc, VCE = 1 Vdc)
VBE(on)
—
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product (2) (IC = 100 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
40
—
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
—
50
pF
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle [ 2%.
(2) fT = hFE• ftest.
Figure 2. Active Region Maximum Safe
Operating Area
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.01
100
2
5
0.1
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
500
µs
dc
1
1 ms
50
20
10
5
2
1
100
µs
0.02
0.05
0.2
0.5
5 ms
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in Fig-
ure 3. At high case temperatures, thermal limitations will re-
duce the power that can be handled to values less than the
limitations imposed by second breakdown.
t, TIME (ms)
0.01
0.02
0.05
1
2
5
10
20
50
100
200
0.1
0.5
0.2
1
0.2
0.1
0.05
R
θJC(t) = r(t) θJC
R
θJC = 10°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0 (SINGLE PULSE)
Figure 3. Thermal Response
0.1
0.02
0.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com