Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD243 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJD243
Description  NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD243 Datasheet(HTML) 3 Page - Motorola, Inc

  MJD243 Datasheet HTML 1Page - Motorola, Inc MJD243 Datasheet HTML 2Page - Motorola, Inc MJD243 Datasheet HTML 3Page - Motorola, Inc MJD243 Datasheet HTML 4Page - Motorola, Inc MJD243 Datasheet HTML 5Page - Motorola, Inc MJD243 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD243
3
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMP)
300
500
0.06
0.1
0.4
4
0.04
100
70
50
10
0.2
5
1
2
0.6
25
°C
TJ = 150°C
– 55
°C
VCE = 1 V
VCE = 2 V
Figure 4. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
∗θVC FOR VCE(sat)
θVB FOR VBE
+ 2.5
+ 2
+ 1.5
+ 1
0
– 0.5
– 1
– 1.5
– 2
+ 0.5
– 2.5
*APPLIES FOR IC/IB ≤ hFE/3
25
°C to 150°C
– 55
°C to 25°C
25
°C to 150°C
– 55
°C to 25°C
Figure 5. “On” Voltages
+11 V
25
µs
0
– 9 V
RB
– 4 V
D1
SCOPE
VCC
+ 30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
51
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
FOR PNP TEST CIRCUIT,
REVERSE ALL POLARITIES
Figure 6. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
VCC = 30 V
IC/IB = 10
td @ VBE(off) = 5 V
Figure 7. Switching Time Test Circuit
tr
1.4
IC, COLLECTOR CURRENT (AMP)
1.2
1
0.4
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat)
VBE @ VCE = 1 V
Figure 8. Turn–On Time
2000
IC, COLLECTOR CURRENT (AMP)
70
1000
700
500
300
200
100
50
Figure 9. Turn–Off Time
30
20
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
ts
tf
200
30
20
7
0.06
0.1
0.4
4
0.04
0.2
1
2
0.6
0.8
0.6
IC/IB = 10
5
0.06
0.1
0.4
4
0.04
0.2
1
2
0.6
0.06
0.1
0.4
4
0.04
0.2
1
2
0.6
0.06
0.1
0.4
4
0.04
0.2
1
2
0.6
300
500
100
70
50
10
5
200
30
20
7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com