Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11166 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11166
Description  16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11166 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11166 Datasheet HTML 1Page - Maxim Integrated Products MAX11166 Datasheet HTML 2Page - Maxim Integrated Products MAX11166 Datasheet HTML 3Page - Maxim Integrated Products MAX11166 Datasheet HTML 4Page - Maxim Integrated Products MAX11166 Datasheet HTML 5Page - Maxim Integrated Products MAX11166 Datasheet HTML 6Page - Maxim Integrated Products MAX11166 Datasheet HTML 7Page - Maxim Integrated Products MAX11166 Datasheet HTML 8Page - Maxim Integrated Products MAX11166 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Maxim Integrated │ 2
MAX11166/MAX11167
16-Bit, 500ksps/250ksps, ±5V SAR ADCs
with Internal Reference in TDFN
www.maximintegrated.com
VDD to GND ............................................................-0.3V to +6V
OVDD to GND....... -0.3V to the lower of (VDD + 0.3V) and +6V
AIN+ to GND ........................................................................ Q7V
AIN-, REF, REFIO, AGNDS
to GND............... -0.3V to the lower of (VDD + 0.3V) and +6V
SCLK, DIN, DOUT, CNVST
to GND............... -0.3V to the lower of (VDD + 0.3V) and +6V
Maximum Current into Any Pin...........................................50mA
Continuous Power Dissipation (TA = +70NC)
TDFN (derate 18.2mW/NC above +70NC)..................1349mW
Operating Temperature Range........................... -40NC to +85NC
Junction Temperature......................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) .................................+300NC
Soldering Temperature (reflow).......................................+260NC
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 500kHz or 250kHz, VREF = 4.096V; TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25NC.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
TDFN
Junction-to-Ambient Thermal Resistance (qJA).......59.3NC/W
Junction-to-Case Thermal Resistance (qJC) ...........22.5NC/W
Package Thermal Characteristics (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (Note 3)
Input Voltage Range
AIN+ to AIN-, K =
-K x VREF
+K x VREF
V
Absolute Input Voltage Range
AIN+ to GND
-(VDD +
0.1)
+(VDD +
0.1)
V
AIN- to GND
-0.1
+0.1
Input Leakage Current
Acquisition phase
-10
+0.001
+10
µA
Input Capacitance
15
pF
Input-Clamp Protection Current
Both inputs
-20
+20
mA
DC ACCURACY (Note 4)
Resolution
N
16
Bits
No Missing Codes
16
Bits
Offset Error
-1.5
±0.1
+1.5
mV
Offset Temperature Coefficient
±2.4
µV/°C
Gain Error
±2
±10
LSB
Gain Error Temperature
Coefficient
±1
ppm/°C
Integral Nonlinearity
INL
MAX11167, TA = TMIN to TMAX
-2.0
±0.5
+2.0
LSB
MAX11167, TA = +25°C to +85°C
-1.0
±0.5
+1.0
MAX11166, TA = TMIN to TMAX
-2.4
±0.5
+2.4
MAX11166, TA = +25°C to +85°C
-1.5
±0.5
+1.5
Differential Nonlinearity
DNL
-0.5
±0.2
+0.5
LSB
Positive Full-Scale Error
±14
LSB
5.000
4.096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com