Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPI0-GPIO1 Datasheet(PDF) 27 Page - Exar Corporation

Part # GPI0-GPIO1
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

GPI0-GPIO1 Datasheet(HTML) 27 Page - Exar Corporation

Back Button GPI0-GPIO1 Datasheet HTML 21Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 22Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 23Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 24Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 25Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 26Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 27Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 28Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 29Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
27/29
Rev. 1.0.1
Short duration Enable pin toggled low
Short duration shutdown pulses to the
ENABLE pin of the XRP7724 which does not
provide sufficient time for the LDO5 voltage
to fall below 3.5V can result in significant
delay in re-enabling of the device.
Some
examples below show LDO5 and ENABLE
pins:
No load on LDO5, blue trace. Recovery time
after ENABLE logic high is approximately
40ms.
Adding a 200 ohm load on LDO5 pulls voltage
below 3.5V and restart is short.
Note that as VCC increases, the restart time
falls as well. 5.5V input is shown as the worst
case.
Since the ENABLE pin has an internal current
source, a simple open drain pull down is the
recommended
way
to
shut
down
the
XRP7724. A diode in series with a resistor
between the LDO5 and ENABLE pins may
offer a way to more quickly pull down the
LDO5 output when the ENABLE pin is pulled
low.
APPLICATION INFORMATION
THERMAL DESIGN
As a 4 channel controller with internal
MOSFET drivers and 5V gate drive supply all
in one 7x7mm 44pin TQFN package, there is
the potential for the power dissipation to
exceed the package thermal limitations. The
XRP7724 has an internal LDO which supplies
5V to the internal circuitry and MOSFET
drivers during startup.
It is generally
expected that either one of the switching
regulator outputs is 5V or another 5V rail is
available in the system and connected to the
5V EXT pin. If there is no 5V available in the
system, then the power loss will increase
significantly
and
proper
thermal
design
becomes critical.
For lower power levels
using properly sized MOSFETs, the use of the
internal 5V regulator as a gate drive supply is
considered appropriate.
LAYOUT GUIDELINES
Refer to application note ANP-32 “Practical
Layout Guidelines for PowerXR Designs”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com