Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPI0-GPIO1 Datasheet(PDF) 9 Page - Exar Corporation

Part # GPI0-GPIO1
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

GPI0-GPIO1 Datasheet(HTML) 9 Page - Exar Corporation

Back Button GPI0-GPIO1 Datasheet HTML 5Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 6Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 7Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 8Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 9Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 10Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 11Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 12Page - Exar Corporation GPI0-GPIO1 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
9/29
Rev. 1.0.1
Name
Pin Number
Description
LX1-LX4
37,31, 26,20
Lower supply rail for the GH high-side gate driver. Connect this pin to the switching
node at the junction between the two external power MOSFETs and the inductor. These
pins are also used to measure voltage drop across bottom MOSFETs in order to provide
output current information to the control engine.
BST1-BST4
35,29, 24,18
High side driver supply pin(s). Connect BST to the external capacitor as shown in the
Typical Application Circuit on page 2. The high side driver is connected between the
BST pin and LX pin and delivers the BST pin voltage to the high side FET gate each
cycle.
GPI0-GPIO1
9,10
These pins can be configured as inputs or outputs to implement custom flags, power
good signals, enable/disable controls and synchronization to an external clock.
PSIO0-PSIO2
13,14,15
Open drain, these pins can be used to control external power MOSFETs to switch loads
on and off, shedding the load for fine grained power management. They can also be
configures as standard logic outputs or inputs just as any of the GPIOs can be
configured, but as open drains require an external pull-up when configured as outputs.
SDA, SCL
11,12
SMBus/I2C serial interface communication pins.
VOUT1-VOUT4
5,6,7,8
Connect to the output of the corresponding power stage. The output is sampled at least
once every switching cycle
LDO5
44
Output of a 5V LDO. This is a micro power LDO that can remain active while the rest of
the IC is in shutdown. This LDO is also used to power the internal Analog Blocks.
LDO3_3
1
Output of the 3.3V standby LDO. This is a micro power LDO that can remain active
while the rest of the IC is in shutdown.
ENABLE
40
If ENABLE is pulled high or allowed to float high, the chip is powered up (logic is reset,
registers configuration loaded, etc.). The pin must be held low for the XRP7724 to be
placed into shutdown.
BFB
42
Input from the 15V output created by the external boost supply. When this pin goes
below a pre-defined threshold, a pulse is created on the low side drive to charge this
output back to the original level. If not used, this pin should be connected to GND.
DGND
17
Digital ground pin. This is the logic ground connection, and should be connected to the
ground plane close to the PAD.
CPLL
3
Connect to a 2.2nF capacitor to GND.
V5EXT
43
External 5V that can be provided. If one of the output channels is configured for 5V,
then this voltage can be fed back to this pin for reduced operating current of the chip
and improved efficiency.
AVDD
4
Output of the internal 1.8V LDO. A decoupling capacitor should be placed between
AVDD and AGND close to the chip.
PAD
45
This is the die attach paddle, which is exposed on the bottom of the part. Connect
externally to the ground plane.
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
I2C Default
Address
XRP7724ILB-F
-40°C≤TJ≤+125°C XRP7724ILB
YYWW X
44-pin TQFN
Bulk
Halogen Free
0x28 (7Bit)
XRP7724ILBTR-F
-40°C≤TJ≤+125°C
2.5K/Tape & Reel
Halogen Free
XRP7724EVB-DEMO-2P-KIT
Evaluation kit includes XRP7724EVB-DEMO-1 Evaluation Board with Power
Architect software and XRP77XXEVB-XCM (USB to I2C Exar Configuration Module)
“YY” = Year – “WW” = Work Week – “X” = Lot Number; when applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com