Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA Datasheet(PDF) 18 Page - Exar Corporation

Part # SDA
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SDA Datasheet(HTML) 18 Page - Exar Corporation

Back Button SDA Datasheet HTML 14Page - Exar Corporation SDA Datasheet HTML 15Page - Exar Corporation SDA Datasheet HTML 16Page - Exar Corporation SDA Datasheet HTML 17Page - Exar Corporation SDA Datasheet HTML 18Page - Exar Corporation SDA Datasheet HTML 19Page - Exar Corporation SDA Datasheet HTML 20Page - Exar Corporation SDA Datasheet HTML 21Page - Exar Corporation SDA Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
18/29
Rev. 1.0.1
Figure 18 shows a simplified block diagram of
the XRP7724 timings. Again, please note that
the function blocks and signal names used are
chosen for ease of understanding and do not
necessarily reflect the actual design.
The system timings are generated by a
103MHz internal system clock (Sys_Clk).
There are two ways that the 103 MHz system
clock can be generated. These include an
internal oscillator and a Phase Locked Loop
(PLL) that is synchronized to an external clock
input. The basic timing architecture is to
divide
the
Sys_Clk
down to create
a
fundamental switching frequency (Fsw_Fund)
for all the output channels that is settable
from 105kHz to 306kHz. The switching
frequency for a channel (Fsw_CHx) can then
be selected as 1 times, 2 times or 4 times the
fundamental switching frequency.
To set the base frequency for the output
channels a “Fsw_Set” value representing the
base frequency shown in Table 1, is entered
into the switching frequency configuration
register (Fsw_Set is basically equal to the
base frequency times 256). The system
timings are then created by dividing down
Sys_Clk to produce a base frequency clock,
2X and 4X times the base frequency clocks,
and sequencing timing to position the output
channels relative to each other. Each output
channel then has its own frequency multiplier
register that is used to select its final output
switching frequency.
Table 1 shows the available channel switching
frequencies for the XRP7724 device. In
practice the PowerArchitect™ 5.0 design tool
handles all the details and the user only has
to enter the fundamental switching frequency
and the 1x, 2x, 4x frequency multiplier for
each channel.
If an external clock is used, the frequencies in
this table will shift accordingly.
Base
Frequency
kHz
Available 2x
Frequencies
kHz
Available 4x
Frequencies
kHz
105.5
211.1
422.1
107.3
214.6
429.2
109.1
218.2
436.4
111.0
222.0
444.0
112.9
225.9
451.8
115.0
229.9
459.8
117.0
234.1
468.2
119.2
238.4
476.9
121.5
242.9
485.8
123.8
247.6
495.2
126.2
252.5
504.9
128.8
257.5
515.0
131.4
262.8
525.5
134.1
268.2
536.5
137.0
273.9
547.9
139.9
279.9
559.8
143.1
286.1
572.2
146.3
292.6
585.2
149.7
299.4
598.8
153.3
306.5
613.1
157.0
314.0
628.0
160.9
321.9
643.8
165.1
330.1
660.3
169.4
338.8
677.6
174.0
348.0
695.9
178.8
357.6
715.3
183.9
367.9
735.7
189.3
378.7
757.4
195.1
390.2
780.3
201.2
402.3
804.7
207.7
415.3
830.6
214.6
429.2
858.3
222.0
444.0
887.9
229.9
459.8
919.6
238.4
476.9
953.7
247.6
495.2
990.4
257.5
515.0
1030.0
268.2
536.5
1072.9
279.9
559.8
1119.6
292.6
585.2
1170.5
306.5
613.1
1226.2
Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com