Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA Datasheet(PDF) 4 Page - Exar Corporation

Part # SDA
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SDA Datasheet(HTML) 4 Page - Exar Corporation

  SDA Datasheet HTML 1Page - Exar Corporation SDA Datasheet HTML 2Page - Exar Corporation SDA Datasheet HTML 3Page - Exar Corporation SDA Datasheet HTML 4Page - Exar Corporation SDA Datasheet HTML 5Page - Exar Corporation SDA Datasheet HTML 6Page - Exar Corporation SDA Datasheet HTML 7Page - Exar Corporation SDA Datasheet HTML 8Page - Exar Corporation SDA Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
4/29
Rev. 1.0.1
CURRENT AND AUX ADC (MONITORING ADCS)
Parameter
Min.
Typ.
Max.
Units
Conditions
Current Sense Accuracy
-3.75
±1.25
3.75
mV
Low Range (≤120mV) Note 2
-60mV applied
-10
10
mV
•
-5
±2.5
5
mV
High Range (≤280mV)
-150mV
-12.5
+12.5
mV
•
Current Sense ADC INL
+/-0.4
LSB
DNL
0.27
Current Limit Set Point
Resolution and Current
Sense ADC Resolution
1.25
mV
Low Range (≤120mV)
2.5
mV
High Range (≤280mV)
Current Sense ADC Range
-120
20
mV
Low Range (≤120mV)
-280
40
High Range (≤280mV)
VOUT ADC Resolution
15
30
60
mV
Low Range
Mid Range
High Range
VOUT ADC Accuracy
-1
1
LSB
VCC ADC Range
4.6
25
V
Note 3
UVLO WARN SET
4.4
4.72
V
UVLO WARN set point 4.6V, VCC=LDO5
UVLO WARN CLEAR
4.4
4.72
V
UVLO WARN set point 4.6V, VCC=LDO5
UVLO FAULT SET (Note 4)
4.2
4.55
V
UVLO FAULT set point 4.4V, VCC=LDO5
VCC ADC Resolution
200
mV
VCC ADC Accuracy
-1
1
LSB
Vin <= 20V
Die Temp ADC Resolution
5
°C
Die Temp ADC Range
-44
156
°C
Output value is in Kelvin
Note 2: Final test limits are ±2.5mV or ±2 LSB
Note 3: Although Range of VCC ADC is technically 0V to 25V, below 4.55 the LDO5 hardware UVLO may have tripped.
Note 4: This test ensures an UVLO FAULT flag will be given before the LDO5 hardware UVLO trips.
LINEAR REGULATORS
Parameter
Min.
Typ.
Max.
Units
Conditions
LDO5 Output Voltage
4.85
5.0
5.15
V
•
5.5V ≤ VCC ≤ 25V
0mA < ILDO5OUT < 130mA, LDO3_3 Off
LDO5 Current Limit
135
155
180
mA
•
LDO5 Fault Set
LDO5 UVLO
4.74
V
•
VCC Rising
LDO5 PGOOD Hysteresis
375
mV
VCC Falling
LDO5 Bypass Switch Resistance
1.1
1.5
Ω
Bypass Switch Activation
Threshold
2.5
2.5
%
•
V5EXT Rising, % of threshold setting
Bypass Switch Activation
Hysteresis
150
mV
V5EXT Falling
LDO3_3 Output Voltage
3.15
3.3
3.45
V
•
4.6V ≤ LDO5 ≤ 5.5V
0mA < ILDO3_3OUT < 50mA
LDO3_3 Current Limit
53
85
mA
•
LDO3_3 Fault Set
Maximum total LDO loading
during ENABLE start-up
30
mA
ENABLE transition from logic low to
high. Once LDO5 in regulation above
limits apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com