Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7392 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7392
Description  3 V, Parallel Input Micropower 10- and 12-Bit DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7392 Datasheet HTML 3Page - Analog Devices AD7392 Datasheet HTML 4Page - Analog Devices AD7392 Datasheet HTML 5Page - Analog Devices AD7392 Datasheet HTML 6Page - Analog Devices AD7392 Datasheet HTML 7Page - Analog Devices AD7392 Datasheet HTML 8Page - Analog Devices AD7392 Datasheet HTML 9Page - Analog Devices AD7392 Datasheet HTML 10Page - Analog Devices AD7392 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD7392/AD7393
–7–
REV. A
TIME – 100 s/DIV
100
50
0
2
0
1
0
IDD ( A)
VOUT (V)
SHDN
100
90
0%
10
Figure 23. Shutdown Recovery Time
Table I. Control Logic Truth Table
CS
RS
DAC Register Function
H
H
Latched
L
H
Transparent
↑
H
Latched with New Data
X
L
Loaded with All Zeros
H
↑
Latched all Zeros
NOTE
↑ Positive logic transition; X Don’t Care.
OPERATION
The AD7392 and AD7393 comprise a set of pin compatible,
12-bit/10-bit digital-to-analog converters. These single-supply
operation devices consume less than 100 microamps of current
while operating from power supplies in the +2.7 V to +5.5 V
range making them ideal for battery operated applications. They
contain a voltage-switched, 12-bit/10-bit, laser-trimmed digital-
to-analog converter, rail-to-rail output op amps, and a parallel-
input DAC register. The external reference input has constant
input resistance independent of the digital code setting of the
DAC. In addition, the reference input can be tied to the same
supply voltage as VDD, resulting in a maximum output voltage
span of 0 to VDD. The parallel data interface consists of 12 data
bits, DB0–DB11, for the AD7392; 10 data bits, DB0–DB9, for
the AD7393; and a
CS write strobe. A RS pin is available to
reset the DAC register to zero scale. This function is useful for
power-on reset or system failure recovery to a known state.
Additional power savings are accomplished by activating the
SHDN pin, resulting in a 1.5
µA maximum consumption sleep
mode. As long as the supply voltage remains, data will be re-
tained in the DAC register to reset the DAC output when the
part is taken out of shutdown (
SHDN = 1).
D/A CONVERTER SECTION
The voltage switched R-2R DAC generates an output voltage
dependent on the external reference voltage connected to the
REF pin according to the following equation:
V OUT =VREF ×
D
2N
Equation 1
where D is the decimal data word loaded into the DAC register,
and N is the number of bits of DAC resolution. In the case of
the 10-bit AD7393 using a 2.5 V reference, Equation 1 simpli-
fies to:
V OUT = 2.5 ×
D
1024
Equation 2
Using Equation 2, the nominal midscale voltage at VOUT is 1.25 V
for D = 512; full-scale voltage is 2.497 volts. The LSB step size is
= 2.5
× 1/1024 = 0.0024 volts.
For the 12-bit AD7392 operating from a 5.0 V reference Equa-
tion 1 becomes:
V OUT =VREF ×
D
2N
Equation 3
Using Equation 3, the AD7392 provides a nominal midscale
voltage of 2.50 V for D = 2048, and a full-scale output of 4.998
volts. The LSB step size is = 5.0
× 1/4096 = 0.0012 volts.
TEMPERATURE – C
1000
10
–55 –35
125
–15
65
85
105
525
45
100
VDD = 5.5V
VREF = 2.5V
SHDN = 0V
AD7392
Figure 24. Shutdown Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com