Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7392 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7392
Description  3 V, Parallel Input Micropower 10- and 12-Bit DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392 Datasheet(HTML) 2 Page - Analog Devices

  AD7392 Datasheet HTML 1Page - Analog Devices AD7392 Datasheet HTML 2Page - Analog Devices AD7392 Datasheet HTML 3Page - Analog Devices AD7392 Datasheet HTML 4Page - Analog Devices AD7392 Datasheet HTML 5Page - Analog Devices AD7392 Datasheet HTML 6Page - Analog Devices AD7392 Datasheet HTML 7Page - Analog Devices AD7392 Datasheet HTML 8Page - Analog Devices AD7392 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
–2–
REV. A
AD7392/AD7393–SPECIFICATIONS
AD7392 ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
3 V
10%
5 V
10%
Units
STATIC PERFORMANCE
Resolution
1
N
12
12
Bits
Relative Accuracy
2
INL
TA =
25
°C
1.8
1.8
LSB max
TA =
40
°C, 85°C
3
3
LSB max
Differential Nonlinearity
2
DNL
TA =
25
°C, Monotonic
0.9
0.9
LSB max
Monotonic
1
1
LSB max
Zero-Scale Error
VZSE
Data = 000H, TA =
25
°C, 85°C 4.0
4.0
mV max
Data = 000H, TA = –40
°C
8.0
8.0
mV max
Full-Scale Voltage Error
VFSE
TA =
25
°C, 85°C, Data = FFF
H
8
8mV max
TA =
40
°C, Data = FFF
H
20
20
mV max
Full-Scale Tempco
3
TCVFS
28
28
ppm/
°C typ
REFERENCE INPUT
VREF IN Range
VREF
0/VDD
0/VDD
V min/max
Input Resistance
RREF
2.5
2.5
M
Ω typ4
Input Capacitance
3
CREF
5
5
pF typ
ANALOG OUTPUT
Current (Source)
IOUT
Data = 800H,
∆V
OUT = 5 LSB
1
1
mA typ
Output Current (Sink)
IOUT
Data = 800H,
∆V
OUT = 5 LSB
3
3
mA typ
Capacitive Load3
CL
No Oscillation
100
100
pF typ
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.5
0.8
V max
Logic Input High Voltage
VIH
VDD 0.6
VDD 0.6
V min
Input Leakage Current
IIL
10
10
µA max
Input Capacitance3
CIL
10
10
pF max
INTERFACE TIMING
3, 5
Chip Select Write Width
tCS
45
45
ns min
Data Setup
tDS
30
15
ns min
Data Hold
tDH
20
5
ns min
Reset Pulsewidth
tRS
40
30
ns min
AC CHARACTERISTICS
Output Slew Rate
SR
Data = 000H to FFFH to 000H
0.05
0.05
V/
µs typ
Settling Time6
tS
To
±0.1% of Full Scale
70
60
µs typ
Shutdown Recovery Time
tSDR
80
µs typ
DAC Glitch
Q
Code 7FFH to 800H to 7FFH
65
65
nV/s typ
Digital Feedthrough
Q
15
15
nV/s typ
Feedthrough
VOUT/VREF
VREF = 1.5 V dc +1 V p-p,
Data = 000H, f = 100 kHz
–63
–63
dB typ
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
DNL <
1 LSB
2.7/5.5
2.7/5.5
V min/max
Positive Supply Current
IDD
VIL = 0 V, No Load
55/100
55/100
µA typ/max
Shutdown Supply Current
IDD
–SD
SHDN = 0, V
IL = 0 V, No Load
0.1/1.5
0.1/1.5
µA typ/max
Power Dissipation
PDISS
VIL = 0 V, No Load
300
500
µW max
Power Supply Sensitivity
PSS
∆V
DD =
5%
0.006
0.006
%/% max
NOTES
1One LSB = V
REF/4096 V for the 12-bit AD7392.
2The first two codes (000
H, 001H) are excluded from the linearity error measurement.
3These parameters are guaranteed by design and not subject to production testing.
4Typicals represent average readings measured at +25
°C.
5All input control signals are specified with t
R = tF = 2 ns (10% to 90% of 13 V) and timed from a voltage level of 1.6 V.
6The settling time specification does not apply for negative going transitions within the last 3 LSBs of ground.
Specifications subject to change without notice.
(@ VREF IN = 2.5 V,
40 C < TA <
85 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com