Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD745 Datasheet(PDF) 5 Page - Analog Devices

Part # AD745
Description  Ultralow Noise, High Speed, BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD745 Datasheet(HTML) 5 Page - Analog Devices

  AD745 Datasheet HTML 1Page - Analog Devices AD745 Datasheet HTML 2Page - Analog Devices AD745 Datasheet HTML 3Page - Analog Devices AD745 Datasheet HTML 4Page - Analog Devices AD745 Datasheet HTML 5Page - Analog Devices AD745 Datasheet HTML 6Page - Analog Devices AD745 Datasheet HTML 7Page - Analog Devices AD745 Datasheet HTML 8Page - Analog Devices AD745 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. D
–5–
AD745
FREQUENCY – Hz
120
–20
100
100
80
60
20
0
40
1k
10k
100k
1M
10M
100M
GAIN
PHASE
TPC 10. Open-Loop Gain and Phase
vs. Frequency
FREQUENCY – Hz
120
50
100
110
100
90
70
60
80
1k
10k
100k
1M
10M
Vcm = 10V
TPC 13. Common-Mode Rejection vs.
Frequency
FREQUENCY – Hz
–40
–140
10
100
100k
1k
10k
–100
–120
–60
–80
1.0
0.1
0.01
0.001
0.0001
0.00001
GAIN = +10
GAIN = +100
GAIN = –4
TPC 16. Total Harmonic Distortion
vs. Frequency
TEMPERATURE – C
14
8
–60
12
10
–40 –20 0
20
40 60
80 100 110 120
CLOSED-LOOP GAIN = 5
TPC 11. Slew Rate vs. Temperature
FREQUENCY – Hz
120
100
100
80
60
20
0
40
1k
10k
100k
1M
10M
100M
+SUPPLY
–SUPPLY
TPC 14. Power Supply Rejection
vs. Frequency
FREQUENCY – Hz
100
10
10
0.1
1.0
100
1k
10k
100k
1M
10M
CLOSED-LOOP GAIN = 5
TPC 17. Input Noise Voltage
Spectral Density
SUPPLY VOLTAGE
VOLTS
150
140
80
05
20
10
15
130
120
100
RL = 2k
TPC 12. Open-Loop Gain vs.
Supply Voltage
FREQUENCY – Hz
35
10k
30
25
20
15
10
5
0
100k
1M
10M
RL = 2k
TPC 15. Large Signal Frequency
Response
FREQUENCY – Hz
100
10
10
1k
1.0
100
1k
10k
100k
1
TPC 18. Input Noise Current
Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com