Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD745 Datasheet(PDF) 1 Page - Analog Devices

Part # AD745
Description  Ultralow Noise, High Speed, BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD745 Datasheet(HTML) 1 Page - Analog Devices

  AD745 Datasheet HTML 1Page - Analog Devices AD745 Datasheet HTML 2Page - Analog Devices AD745 Datasheet HTML 3Page - Analog Devices AD745 Datasheet HTML 4Page - Analog Devices AD745 Datasheet HTML 5Page - Analog Devices AD745 Datasheet HTML 6Page - Analog Devices AD745 Datasheet HTML 7Page - Analog Devices AD745 Datasheet HTML 8Page - Analog Devices AD745 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD745
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Ultralow Noise,
High Speed, BiFET Op Amp
CONNECTION DIAGRAM
FEATURES
ULTRALOW NOISE PERFORMANCE
2.9 nV/ Hz at 10 kHz
0.38
V p-p, 0.1 Hz to 10 Hz
6.9 fA/ Hz Current Noise at 1 kHz
EXCELLENT AC PERFORMANCE
12.5 V/ s Slew Rate
20 MHz Gain Bandwidth Product
THD = 0.0002% @ 1 kHz
Internally Compensated for Gains of +5 (or –4) or
Greater
EXCELLENT DC PERFORMANCE
0.5 mV Max Offset Voltage
250 pA Max Input Bias Current
2000 V/mV Min Open Loop Gain
Available in Tape and Reel in Accordance with
EIA-481A Standard
APPLICATIONS
Sonar
Photodiode and IR Detector Amplifiers
Accelerometers
Low Noise Preamplifiers
High Performance Audio
PRODUCT DESCRIPTION
The AD745 is an ultralow noise, high-speed, FET input opera-
tional amplifier. It offers both the ultralow voltage noise and
high speed generally associated with bipolar input op amps and
the very low input currents of FET input devices. Its 20 MHz
bandwidth and 12.5 V/
µs slew rate makes the AD745 an ideal
SOURCE RESISTANCE –
1000
100
100
10
1
1k
10k
100k
1M
10M
RSOURCE
RSOURCE
EO
OP37 AND
RESISTOR
AD745 AND
RESISTOR
AD745 AND RESISTOR
OR
OP37 AND RESISTOR
RESISTOR NOISE ONLY
Figure 1.
amplifier for high-speed applications demanding low noise and
high dc precision. Furthermore, the AD745 does not exhibit an
output phase reversal.
The AD745 also has excellent dc performance with 250 pA
maximum input bias current and 0.5 mV maximum offset voltage.
The internal compensation of the AD745 is optimized for higher
gains, providing a much higher bandwidth and a faster slew
rate. This makes the AD745 especially useful as a preamplifier
where low level signals require an amplifier that provides both
high amplification and wide bandwidth at these higher gains.
The AD745 is available in two performance grades. The AD745J
and AD745K are rated over the commercial temperature range
of 0
°C to 70°C, and are available in the 16-lead SOIC package.
FREQUENCY – Hz
120
100
100
80
60
40
20
0
–20
1k
10k
100k
1M
10M
100M
120
100
80
60
40
20
0
–20
GAIN
PHASE
Figure 2.
16-Lead SOIC (R) Package


Similar Part No. - AD745

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD745 AD-AD745 Datasheet
325Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745 AD-AD745 Datasheet
325Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD7450 AD-AD7450 Datasheet
432Kb / 24P
Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
AD7450 AD-AD7450 Datasheet
435Kb / 22P
Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7450 AD-AD7450 Datasheet
500Kb / 23P
Differential Input, 1 MSPS 12-Bit ADC
23-Feb-2017
More results

Similar Description - AD745

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743 Datasheet
309Kb / 12P
Ultralow Noise BiFET Op Amp
REV.C
AD743 AD-AD743_03 Datasheet
268Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743JR AD-AD743JR Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD745JRZ-16 AD-AD745JRZ-16 Datasheet
325Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743 AD-AD743_15 Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
Rev. E
AD745 AD-AD745_15 Datasheet
343Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com