Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7450
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7450 Datasheet HTML 3Page - Analog Devices AD7450 Datasheet HTML 4Page - Analog Devices AD7450 Datasheet HTML 5Page - Analog Devices AD7450 Datasheet HTML 6Page - Analog Devices AD7450 Datasheet HTML 7Page - Analog Devices AD7450 Datasheet HTML 8Page - Analog Devices AD7450 Datasheet HTML 9Page - Analog Devices AD7450 Datasheet HTML 10Page - Analog Devices AD7450 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–7–
AD7450
PERFORMANCE CURVES
TPC 1 and TPC 2 show the typical FFT plots for the
AD7450 with VDD of 5V and 3V, 1MHz and 833kHz sam-
pling frequency respectively and an input frequency of
300kHz.
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (kHz)
8192 POINT FFT
FSAMPLE = 1MSPS
FIN = 300kHz
SINAD = 71.7dB
THD = -82.8dB
SFDR = -85.3dB
TPC 1. AD7450 Dynamic Performance at 1MSPS
with VDD =5V
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
300
350
FREQUENCY (kHz)
8192 POINT FFT
fSAMPLE = 833ksps
fIN = 300kHz
SINAD = 70.2dB
THD = -86dB
SFDR = -87.1dB
TPC 2. AD7450 Dynamic Performance at 833ksps with
VDD = 3V
TPC 3 shows the signal-to-(noise+distortion) ratio
performance versus the analog input frequency for
various supply voltages while sampling at 1MSPS
(VDD = 5V±5%) and 833kSPS (VDD = 3V±10%).
TITLE
0
0
0
00
0
00
0
0
TPC 3. SINAD vs Analog Input Frequency
for Various Supply Voltages TBD
TPC 4 shows the power supply rejection ratio versus
supply ripple frequency for the AD7450.
Here, a
200mV p-p sine wave is coupled onto the VDD supply.
A 10nF decoupling capacitor was used on the supply
and a 1µF decoupling capacitor was used on VREF.
TITLE
0
0
0
00
0
00
0
0
TPC 4. Power Supply Rejection (see Terminology Sec-
tion) vs. Supply Ripple Frequency at 5V and 3V TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com