Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7450
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7450 Datasheet HTML 16Page - Analog Devices AD7450 Datasheet HTML 17Page - Analog Devices AD7450 Datasheet HTML 18Page - Analog Devices AD7450 Datasheet HTML 19Page - Analog Devices AD7450 Datasheet HTML 20Page - Analog Devices AD7450 Datasheet HTML 21Page - Analog Devices AD7450 Datasheet HTML 22Page - Analog Devices AD7450 Datasheet HTML 23Page - Analog Devices AD7450 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–22–
AD7450
AD7450*
SDATA
CS
*
*ADDITIONAL PINS OMITTED FOR CLARITY
MISO/PMC0
SCLK/PMC2
SCLK
SS/PMC3
MC68HC16*
Figure 27. Interfacing to the MC68HC16
AD7450 to DSP56xxx
The connection diagram in figure 28 shows how the
AD7450 can be connected to the SSI (Synchronous Serial
Interface) of the DSP56xxx family of DSPs from
Motorola. The SSI is operated in Synchronous Mode
(SYN bit in CRB =1) with internally generated 1-bit clock
period frame sync for both Tx and Rx (bits FSL1 =1 and
FSL0 =0 in CRB). Set the word length to 16 by setting
bits WL1 =1 and WL0 = 0 in CRA. To implement the
power-down mode on the AD7450 then the word length
can be changed to 8 bits by setting bits WL1 = 0 and WL0
= 0 in CRA. It should be noted that for signal processing
applications, it is imperative that the frame
synchronisation signal from the DSP56xxx will
provideequidistant sampling.
AD7450*
SDATA
CS
*
*ADDITIONAL PINS OMITTED FOR CLARITY
SRD
SCLK
SCLK
SR2
DSP56xxx*
Figure 28. Interfacing to the DSP56xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com