Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5262 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5262 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AS5262 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 21Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 22Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 23Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AS5262
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
20 - 36
9.2.3 WRITE (Command Description)
Figure 16. Full Write Command

Writing the AS5262 KEY in the fuse register (address 0x41) triggers the transfer of the data from the OTP RAM into the Poly Fuse cell.

Writing the AS5262 KEY in the Pass2Func Register (address 0x60) forces the device into normal mode.
AD0
AD1
AD2
AD3
AD4
par
start
stop
AD5
AD6
R/
Wn
Write command frame
par
start
stop
D00
D01
D02
D03
D05
D06
D07
Data1 frame (data to write on address AD<6:0>+1)
D04
par
start
stop
D00
D01
D02
D03
D05
D06
D07
Data0 frame (data to write on address AD<6:0>)
D04
start
stop
D0
D1
D2
D3
D4
D5
D6
D7
par
Synchronization frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com