Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5262 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5262 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS5262 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AS5262
Datasheet - Electrical Character i s t ics
www.ams.com
Revision 1.1
6 - 36
7 Electrical Characteristics
7.1 Operating Conditions
In this specification, all the defined tolerances for external components need to be assured over the whole operation conditions range and also
over lifetime.
7.2 Magnetic Input Specification
TAMB = -40 to +150ºC, VDD = 4.5 to 5.5V (5V operation), unless otherwise noted.
Two-pole cylindrical diametrically magnetized source:
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Ambient temperature
-40
+150
ºC
Isupp
Supply current
Only for one die. Must be multiplied by 2
12
mA
VDD
Supply voltage at pin VDD
4.5
5.0
5.5
V
Table 4. Magnetic Input Specification
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Bpk
Magnetic input field amplitude
Required vertical component of the
magnetic field strength on the die’s surface,
measured along a concentric circle with a
radius of 1.25 mm
30
70
mT
Bpkext
Magnetic input field amplitude
(extended) default setting
Required vertical component of the
magnetic field strength on the die’s surface,
measured along a concentric circle with a
radius of 1.25 mm. Increased sensor output
noise.
10
90
mT
Boff
Magnetic offset
Constant magnetic stray field
± 5
mT
Field non-linearity
Including offset gradient
5
%
Disp
Displacement radius
Offset between defined device center and
magnet axis. Dependent on the selected
magnet. Including Eccentricity.
1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com