Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7713 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 5 Page - Analog Devices

  AD7713 Datasheet HTML 1Page - Analog Devices AD7713 Datasheet HTML 2Page - Analog Devices AD7713 Datasheet HTML 3Page - Analog Devices AD7713 Datasheet HTML 4Page - Analog Devices AD7713 Datasheet HTML 5Page - Analog Devices AD7713 Datasheet HTML 6Page - Analog Devices AD7713 Datasheet HTML 7Page - Analog Devices AD7713 Datasheet HTML 8Page - Analog Devices AD7713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2
–5–
REV. C
AD7713
Limit at TMIN, TMAX
Parameter
(A, S Versions)
Units
Conditions/Comments
External-Clocking Mode
fSCLK
fCLK IN/5
MHz max
Serial Clock Input Frequency
t20
0
ns min
DRDY
to RFS Setup Time
t21
0
ns min
DRDY
to RFS Hold Time
t22
2
× t
CLK IN
ns min
A0 to RFS Setup Time
t23
0
ns min
A0 to RFS Hold Time
t24
6
4
× t
CLK IN
ns max
Data Access Time (RFS Low to Data Valid)
t25
6
10
ns min
SCLK Falling Edge to Data Valid Delay
2
× t
CLK IN + 20
ns max
t26
2
× t
CLK IN
ns min
SCLK High Pulse Width
t27
2
× t
CLK IN
ns min
SCLK Low Pulse Width
t28
tCLK IN + 10
ns max
SCLK Falling Edge to DRDY High
t29
7
10
ns min
SCLK to Data Valid Hold Time
tCLK IN + 10
ns max
t30
10
ns min
RFS
/TFS to SCLK Falling Edge Hold Time
t31
7
5
× t
CLK IN/2 + 50
ns max
RFS
to Data Valid Hold Time
t32
0
ns min
A0 to TFS Setup Time
t33
0
ns min
A0 to TFS Hold Time
t34
4
× t
CLK IN
ns min
SCLK Falling Edge to TFS Hold Time
t35
2
× t
CLK IN – SCLK High
ns min
Data Valid to SCLK Setup Time
t36
30
ns min
Data Valid to SCLK Hold Time
NOTES
1Guaranteed by design, not production tested. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 10 to 13.
3CLK IN duty cycle range is 45% to 55%. CLK IN must be supplied whenever the AD7713 is not in STANDBY mode. If no clock is present in this case, the
device can draw higher current than specified and possibly become uncalibrated.
4The AD7713 is production tested with f
CLK IN at 2 MHz. It is guaranteed by characterization to operate at 400 kHz.
5Specified using 10% and 90% points on waveform of interest.
6These numbers are measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.4 V.
7These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 1. The measured number
is then extrapolated back to remove effects of charging or discharging the 100 pF capacitor. This means that the times quoted in the timing characteristics are
the true bus relinquish times of the part and, as such, are independent of external bus loading capacitances.
TO OUTPUT
PIN
+2.1V
1.6mA
200µA
100pF
Figure 1. Load Circuit for Access Time and Bus Relinquish Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com