Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7713 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7713 Datasheet HTML 19Page - Analog Devices AD7713 Datasheet HTML 20Page - Analog Devices AD7713 Datasheet HTML 21Page - Analog Devices AD7713 Datasheet HTML 22Page - Analog Devices AD7713 Datasheet HTML 23Page - Analog Devices AD7713 Datasheet HTML 24Page - Analog Devices AD7713 Datasheet HTML 25Page - Analog Devices AD7713 Datasheet HTML 26Page - Analog Devices AD7713 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
2
–23–
REV. C
AD7713
operations (where 24 bits of data are read into an 8-bit serial
register). A read operation to the control/calibration registers is
similar, but in this case the status of DRDY can be ignored. The
A0 line is brought low when the RFS line is brought low when
reading from the control register.
The flowchart also shows the bits being reversed after they have
been read in from the serial port. This depends on whether the
microprocessor expects the MSB of the word first or the LSB of
the word first. The AD7713 outputs the MSB first.
The flowchart for Figure 16 is for a single 24-bit write operation
to the AD7713 control or calibration registers. This shows data
being transferred from data memory to the accumulator before
being written to the serial buffer. Some microprocessor systems
will allow data to be written directly to the serial buffer from
data memory. The writing of data to the serial buffer from the
accumulator will generally consist of either two or three write
operations, depending on the size of the serial buffer.
The flowchart also shows the option of the bits being reversed
before being written to the serial buffer. This depends on
whether the first bit transmitted by the microprocessor is the
MSB or the LSB. The AD7713 expects the MSB as the first bit
in the data stream. In cases where the data is being read or be-
ing written in bytes and the data has to be reversed, the bits will
have to be reversed for every byte.
END
START
CONFIGURE &
INITIALIZE µC/µP
SERIAL PORT
x3
BRING
RFS & A0 LOW
REVERSE ORDER OF
BITS
BRING
RFS, TFS &
A0 HIGH
LOAD DATA FROM
ADDRESS TO
ACCUMULATOR
WRITE DATA FROM
ACCUMULATOR TO
SERIAL BUFFER
BRING
TFS & A0 HIGH
Figure 16. Flowchart for Single Write Operation to the
AD7713
AD7713 to 8051 Interface
Figure 17 shows an interface between the AD7713 and the
8XC51 microcontroller. The AD7713 is configured for its exter-
nal clocking mode while the 8XC51 is configured in its Mode 0
serial interface mode. The DRDY line from the AD7713 is con-
nected to the Port P1.2 input of the 8XC51 so the DRDY line
is polled by the 8XC51. The DRDY line can be connected to
the INT1 input of the 8XC51 if an interrupt driven system is
preferred.
RFS
AD7713
SDATA
SCLK
TFS
A0
P1.0
P3.0
P3.1
P1.1
P1.2
MODE
DRDY
P1.3
SYNC
DVDD
8XC51
Figure 17. AD7713 to 8XC51 Interface
Table V shows some typical 8XC51 code used for a single
24-bit read from the output register of the AD7713. Table V
shows some typical code for a single write operation to the con-
trol register of the AD7713. The 8XC51 outputs the LSB first
in a write operation while the AD7713 expects the MSB first, so
the data to be transmitted has to be rearranged before being
written to the output serial register. Similarly, the AD7713 out-
puts the MSB first during a read operation while the 8XC51
expects the LSB first. Therefore, the data which is read into the
serial buffer needs to be rearranged before the correct data word
from the AD7713 is available in the accumulator.
Table V. 8XC51 Code for Reading from the AD7713
MOV SCON,#00010001B;
Configure 8051 for MODE 0
MOV IE,#00010000B;
Disable All Interrupts
SETB 90H;
Set P1.0, Used as RFS
SETB 91H;
Set P1.1, Used as TFS
SETB 93H;
Set P1.3, Used as A0
MOV R1,#003H;
Sets Number of Bytes to Be Read in
A Read Operation
MOV R0,#030H;
Start Address for Where Bytes Will
Be Loaded
MOV R6,#004H;
Use P1.2 as DRDY
WAIT:
NOP;
MOV A,P1;
Read Port 1
ANL A,R6;
Mask Out All Bits Except DRDY
JZ READ;
If Zero Read
SJMP WAIT;
Otherwise Keep Polling
READ:
CLR 90H;
Bring RFS Low
CLR 98H;
Clear Receive Flag
POLL:
JB 98H, READ1
Tests Receive Interrupt Flag
SJMP POLL
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com